Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 99 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 99 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 95Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 96Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 97Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 98Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 99Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 100Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 101Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 102Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 103Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 152 page
background image
SH79F6488/SH79F6489
99
8.5.4 Multi-Processor Communication
Software Address Recognition
Modes 2 and 3 of the EUART have a special provision for multi-processor communication. In these modes, 9 data bits are
received. The 9th bit goes into RB8. Then a stop bit follows. The EUART can be programmed such that when the stop bit is
received, the EUART interrupt will be activated (i.e. the request flag RI is set) only if RB8 = 1. This feature is enabled by setting
the bit SM2 in SCON.
A way to use this feature in multiprocessor communications is as follows. lf the master processor wants to transmit a block of
data to one of the several slaves, it first sends out an address byte which identifies the target slave. An address byte differs from
a data byte in that the 9th bit is 1 in an address byte and 0 in a data byte.
With SM2 = 1, no other slave will be interrupted by a data byte. An address byte, however, will interrupt all slaves, so that each
slave can examine the received byte and see if it is being addressed. The addressed slave will clear its SM2 bit and prepare to
receive the data bytes that will be coming. After having received a complete message, the slave sets SM2 again. The slaves
that were not addressed leave their SM2 set and go on with their business, ignoring the incoming data bytes.
Note: In Mode0, SM2 is used to select baud rate doubling. In Mode1, SM2 can be used to check the validity of the stop bit. If
SM2 = 1 in Mode1, the receive interrupt will not be activated unless a valid stop bit is received.
Automatic (Hardware) Address Recognition
In Mode2 & 3, setting the SM2 bit will configure EUART act as following: when a stop bit is received, EUART will generate an
interrupt only if the 9
th bit that goes into RB8 is logic 1 (address byte) and the received data byte matches the EUART slave
address. Following the received address interrupt, the slave should clear its SM2 bit to enable interrupts on the reception of the
following data byte(s).
The 9-bit mode requires that the 9
th information bit is a 1 to indicate that the received information is an address and not data.
When the master processor wants to transmit a block of data to one of the slaves, it first sends out the address of the targeted
slave (or slaves). All the slave processors should have their SM2 bit set high when waiting for an address byte, which ensures
that they will be interrupted only by the reception of an address byte. The Automatic address recognition feature further ensures
that only the addressed slave will be interrupted. The address comparison is done by hardware not software.
After being interrupted, the addressed slave clears the SM2 bit to receive data bytes. The un-addressed slaves will be
unaffected, as they will be still waiting for their address. Once the entire message is received, the addressed slave should set its
SM2 bit to ignore all transmissions until it receives the next address byte.
The Automatic Address Recognition feature allows a master to selectively communicate with one or more slaves by invoking
the Given Address. All of the slaves may be contacted by using the Broadcast address. Two special Function Registers are
used to define the slave’s address, SADDR, and the address mask, SADEN. The slave address is an 8-bit value specified in the
SADDR register. The SADEN register is actually a mask for the byte value in SADDR. If a bit position in SADEN is 0, then the
corresponding bit position in SADDR is don’t care. Only those bit positions in SADDR whose corresponding bits in SADEN are
1 are used to obtain the Given Address. This gives the user flexibility to address multiple slaves without changing the slave
address in SADDR. Use of the Given Address allows multiple slaves to be recognized while excluding others.
Slave 1
Slave 2
SADDR
10100100
10100111
SADEN (0 mask)
11111010
11111001
Given Address
10100x0x
10100xx1
Broadcast Address (OR)
1111111x
11111111
The Given address for slave 1 and 2 differ in the LSB. For slave 1, it is a don’t care, while for slave 2 it is 1. Thus to communicate
only with slave 1, the master must send an address with LSB = 0 (10100000). Similarly the bit 1 is 0 for slave 1 and don’t care
for slave 2. Hence to communicate only with slave 2 the master has to transmit an address with bit 1 = 1 (1010 0011). If the
master wishes to communicate with both slaves simultaneously, then the address must have bit 0 = 1 and bit 1 = 0. The bit 2
position is don’t care for both the slaves. This allows two different addresses to select both slaves (1010 0001 and 1010 0101).
The master can communicate with all the slaves simultaneously with the Broadcast Address. This address is formed from the
logical OR of the SADDR and SADEN. The zeros in the result are defined as don’t cares. In most cases, the Broadcast Address
is FFh, this address will be acknowledged by all slaves.
On reset, the SADDR and SADEN are initialized to 00h. This results in Given Address and Broadcast Address being set as
XXXXXXXX (all bits don’t care). This effectively removes the multiprocessor communications feature, since any selectivity is
disabled. This ensures that the EUART 0 will reply to any address, which it is backwards compatible with the 80C51
microcontrollers that do not support automatic address recognition. So the user may implement multiprocessor by software
address recognition mentioned above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com