Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 57 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 57 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 53Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 54Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 55Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 56Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 57Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 58Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 59Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 60Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 61Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 152 page
background image
SH79F6488/SH79F6489
57
7.8.3 Timer3
Timer3 is a 16-bit auto-reload timer. It is implemented as a 16-bit register accessed as two cascaded Data Registers: TH3 and
TL3. It is controlled by the T3CON register. The Timer3 interrupt can be enabled by setting ET3 bit in IEN0 register (Refer to
Interrupt Section for details).
Timer3 has only one operating mode: 16-bit Counter/Timer with auto-reload. Timer3 also supports the following features:
selectable pre-scaler setting and Operation during CPU Power-Down mode.
Timer3 consists of a 16-bit counter/reload register (TH3, TL3). When writing to TH3 and TL3, they are used as timer load
register. When reading from TH3 and TL3, they are used as timer counter register. Setting the TR3 bit enables Timer 3 to count
up. The Timer will overflow from 0xFFFF to 0x0000 and set the TF3 bit. This overflow also causes the 16-bit value written in
timer load register to be reloaded into the timer counter register. Writing to TH3 also can cause the 16-bit value written in timer
load register to be reloaded into the timer counter register.
Read or write operation to TH3 and TL3 should follow these steps:
Write operation: Low nibble first, High nibble to update the counter
Read operation: High nibble first, Low nibble followed.
TF3
The Block Diagram of Timer3
TL3
TH3
Increment Mode
0:Switch Off
1:Switch On
16-bit Counter
Interrupt
Request
Overflow
Flag
TR3
System Clock
Prescaler
1,8,64,256
T3PS[1:0]
T3CLKS[1:0]
00
01
10
T3
32.768kHz
Crystal
If T3CLKS[1:0] is 00, Timer 3 can’t work in Power Down mode.
If T3CLKS[1:0] is 01,Timer3 can work in Power Down mode. Even close all oscillator, Timer 3 can count.
If T3CLKS[1:0] is 10, Timer3 can work in Power Down mode If low frequency oscillator is off,then Timer3 can not count.
It can be described in the following table.
T3CLKS[1:0]
Oscillator status
Can work in normal mode
Can work in Power Down mode
00
-
YES
NO
01
-
YES
YES
10
low frequency off in power-down
YES
NO
low frequency on in power-down
YES
YES
Note:
(1) When TH3 and TL3 read or written, must make sure TR3 = 0.
(2) When T3 is selected as Timer3 clock source and TR3 is set 0 to 1, the first T3 down edge will be ignored.
(3) Low frequency oscillator will keep working when system entering Power-down mode with high frequency oscillator (OSC2).
Low frequency oscillator will turn off when system entering Power-down mode with low frequency oscillator (32.768kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com