Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 90 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 90 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 86Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 87Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 88Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 89Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 90Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 91Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 92Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 93Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 94Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 152 page
background image
SH79F6488/SH79F6489
90
Table 8.14 PWM0 Period Register PWM0PH/L
D2H, D1H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWM0PH (D2H)
-
-
-
-
PWM0P.11 PWM0P.10 PWM0P.9
PWM0P.8
PWM0PL (D1H)
PWM0P.7
PWM0P.6
PWM0P.5
PWM0P.4
PWM0P.3
PWM0P.2
PWM0P.1
PWM0P.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
11-0
PWM0P[11:0]
12-bit PWM0 period registers
When PWM0PH/L = 0, PWM0 outputs GND if the PWM0S bit is set to “0”. PWM0 outputs high level if the PWM0S bit is set to “1”.
Table 8.15 PWM1 Period Register PWM1PH/L
D4H, D3H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWM1PH (D4H)
-
-
-
-
PWM1P.11 PWM1P.10 PWM1P.9
PWM1P.8
PWM1PL (D3H)
PWM1P.7
PWM1P.6
PWM1P.5
PWM1P.4
PWM1P.3
PWM1P.2
PWM1P.1
PWM1P.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
11-0
PWM1P[11:0]
12-bit PWM1 period registers
When PWM1PH/L = 0, PWM1 outputs GND if the PWM1S bit is set to “0”. PWM1 outputs high level if the PWM1S bit is set to “1”.
Table 8.16 PWM2 Period Register PWM2PH/L
D6H, D5H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
PWM2PH (D6H)
-
-
-
-
PWM2P.11 PWM2P.10 PWM2P.9
PWM2P.8
PWM2PL (D5H)
PWM2P.7
PWM2P.6
PWM2P.5
PWM2P.4
PWM2P.3
PWM2P.2
PWM2P.1
PWM2P.0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
Bit Number
Bit Mnemonic
Description
11-0
PWM2P[11:0]
12-bit PWM2 period registers
When PWM2PH/L = 0, PWM2 outputs GND if the PWM2S bit is set to “0”. PWM2 outputs high level if the PWM2S bit is set to “1”.
Note: The change of PWMxPH will take affect at the next PWMx period. The user must change PWMxPL at first, and then
change PWMxPH for changing PWMx period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com