Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 9 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 9 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 10Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 11Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 12Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 13Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 152 page
background image
SH79F6488/SH79F6489
9
Table 4.1 Pin Function
Pad No.
LQFP64
Pin No.
LQFP80
Pin No.
Pin Name
Default
Function
Pad No.
LQFP64
Pin No.
LQFP80
Pin No.
Pin Name
Default
Function
1
2
2
XTALX1/P3.6
XTALX1 or P3.6,
by code option
46
30
38
OP-/INT44/P2.2
OP-
2
3
3
XTALX2/P3.7
XTALX2 or P3.7,
by code option
47
31
39
OP_O/INT45/P2.3
OP_O
3
/
/
FLASH
FLASH
48
/
40
MOSI/P2.4
P2.4
4
4
4
TDO/SEG33/P4.0
P4.0
49
/
41
MISO/P2.5
P2.5
5
5
5
TMS/SEG34/P4.1
P4.1
50
/
42
SCK/P2.6
P2.6
6
6
6
TDI/SEG35/P4.2
P4.2
51
/
43
SS
——
/P2.7
P2.7
7
7
7
TCK/SEG36/P4.3
P4.3
52
32
44
COM1/P5.0
P5.0
8
8
8
PWM0/INT40/P4.4
P4.4
53
33
45
COM2/P5.1
P5.1
9
9
9
PWM1/INT41/P4.5
P4.5
54
34
46
COM3/P5.2
P5.2
10
10
10
PWM2/INT42/P4.6
P4.6
55
35
47
COM4/P5.3
P5.3
11
11
11
RESET
——————
/T4/P4.7
RESET
——————
or P4.7,
by code option
56
36
48
COM5/SEG1/P5.4
P5.4
12
12
12
GND
GND
57
37
49
COM6/SEG2/P5.5
P5.5
13
GND
GND
58
38
50
SEG3/P5.6
P5.6
14
GND
GND
59
39
51
SEG4/P5.7
P5.7
15
13
13
C
C
60
40
52
SEG5/P6.0
P6.0
16
C
C
61
41
53
SEG6/P6.1
P6.1
17
14
14
VDD
VDD
62
42
54
SEG7/P6.2
P6.2
18
VDD
VDD
63
43
55
SEG8/P6.3
P6.3
19
15
15
VDDR
VDDR
64
44
56
SEG9/P6.4
P6.4
20
16
VDDR
VDDR
65
45
57
SEG10/P6.5
P6.5
21
17
VDDR
VDDR
66
46
58
SEG11/P6.6
P6.6
22
/
/
VNN
VNN
67
47
59
SEG12/P6.7
P6.7
23
/
/
VPP
VPP
68
48
60
SEG13/P7.0
P7.0
24
16
18
TXD/T2/INT46/P0.0
P0.0
69
49
61
SEG14/P7.1
P7.1
25
17
19
RXD/T3/INT47/P0.1
P0.1
70
50
62
SEG15/P7.2
P7.2
26
18
20
SH79F6488: P0.2
SH79F6489: D+/P0.2
P0.2
71
51
63
SEG16/P7.3
P7.3
27
19
21
SH79F6488: P0.3
SH79F6489: D-/P0.3
P0.3
72
52
64
SEG17/P7.4
P7.4
28
20
22
T2EX/INT0/P0.4
P0.4
73
53
65
SEG18/P7.5
P7.5
29
/
23
INT1/P0.5
P0.5
74
54
66
SEG19/P7.6
P7.6
30
/
24
INT2/P0.6
P0.6
75
55
67
SEG20/P7.7
P7.7
(to be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com