Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 1 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 1 Page - SINOWEALTH Electronic Ltd

  SH79F6489P/080PR Datasheet HTML 1Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 9Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
SH79F6488/SH79F6489
Enhanced 8051 Microcontroller with 20bit
Σ-ΔADC and LCD Driver
1
V2.2
1.
Features
8-bit micro-controller with Pipe-line structured 8051
compatible instruction set
Flash ROM: 64K Bytes
RAM: internal 256 Bytes, external 2304 Bytes
EEPROM-like: build-in 2048 Bytes
Operation Voltage: VDD = 3V - 5.5V
Oscillator (code option)
- Crystal oscillator: 400kHz - 16MHz
- Crystal oscillator: 32.768kHz
- Internal RC: 12MHz
- PLL: 48MHz
72 CMOS bi-directional I/O pins
Built-in pull-up resistor for input pin
3 16-bit timer/counters T2, T3, T4
Base timer (BT)
Powerful interrupt sources:
- Timer2, 3, 4, BT
- INT0, 1, 2, 3, 4
- PWM0-2, ADC, EUART, SCM, SPI
- USB (for SH79F6489)
Enhanced UART (EUART)
3 12-bit PWM timer
LCD driver:
- 4 X 36 dots (1/4 duty 1/3 bias)
- 5 X 35 dots (1/5 duty 1/3 bias)
- 6 X 34 dots (1/6 duty 1/3 bias)
- Low power LCD
Built-in regulator
- Output: 2.7V or 3.3V
20-bit
Σ-Δ Analog Digital Converter (ADC)
- 20-bit data output, 16-bit resolution
- 3 differential input/4 Single-ended inputs
Built-in Programmable Gain Amplifier (PGA)
- Gain: 1X-128X
Built-in Operational Amplifier (OP)
SH79F6489: The Universal Serial Bus (USB)
- Compatible with USB2.0 (Full speed 12Mbps)
- Support control, interrupt and buck data transfer
- Support 3 endpoints: (EP0, EP1, EP2)
SPI (Master/Slave Mode)
Built-in Low Voltage Reset (LVR) function (code
option)
- LVR voltage: 3.1V
- LVR voltage: 4.0V
CPU Machine cycle: 1 oscillator clock
Built-in Watch Dog Timer (WDT) (code option)
Built-in oscillator Warm-up timer
Support Low power operation modes:
- Idle Mode
- Power-Down Mode
Flash Type
Package:
- LQFP64
- LQFP80
- CHIP (90 Pads)
2.
General Description
The SH79F6488/SH79F6489 is a high performance 8051 compatible micro-controller, regard to its build-in Pipe-line instruction
fetch structure, that helps the SH79F6488/SH79F6489 can perform more fast operation speed and higher calculation
performance, if compare SH79F6488/SH79F6489 with standard 8051 at same clock speed.
The SH79F6488/SH79F6489 retains most features of the standard 8051. These features include internal 256 bytes RAM,
UART and INT0-2. In addition, the SH79F6488/SH79F6489 provides external 2304 bytes RAM, It also contains 64K bytes
Flash memory block both for program and data.
Some standard communication modes such as EUART and SPI are supported in the SH79F6488/SH79F6489. Also the Low
power LCD driver, 20-bit
Σ-ΔADC, PGA, OP and PWM are incorporated in SH79F6488/SH79F6489. In additation, the
Universal Serial Bus (USB) interface is integrated into SH79F6489.
For high reliability and low cost issues, the SH79F6488/SH79F6489 builds in Watchdog Timer, Low Voltage Reset and System
Clock Monitor function. And SH79F6488/SH79F6489 also supports two power saving modes to reduce power consumption.


Similar Part No. - SH79F6489P/080PR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F6421S/064SR SINOWEALTH-SH79F6421S/064SR Datasheet
1Mb / 157P
Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
SH79F642B SINOWEALTH-SH79F642B Datasheet
1Mb / 157P
Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
SH79F642BP/064PR SINOWEALTH-SH79F642BP/064PR Datasheet
1Mb / 157P
Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
SH79F642BS/064SR SINOWEALTH-SH79F642BS/064SR Datasheet
1Mb / 157P
Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
More results

Similar Description - SH79F6489P/080PR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F082 SINOWEALTH-SH79F082 Datasheet
2Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC and PWM
2.1 Jul. 2011
SH77P1651 SINOWEALTH-SH77P1651 Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F1620 SINOWEALTH-SH79F1620 Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F166A SINOWEALTH-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F3252 SINOWEALTH-SH79F3252 Datasheet
1Mb / 112P
Enhanced 8051 Microcontroller with 10bit ADC and LCD
V2.0
SH79F3283 SINOWEALTH-SH79F3283 Datasheet
1Mb / 144P
Enhanced 8051 Microcontroller with 12bit ADC
V2.0
SH79F642B SINOWEALTH-SH79F642B Datasheet
1Mb / 157P
Single-phase Energy Metering IC integrated LCD driver and enhanced 8051 Microcontroller
V2.0
SH88F6161 SINOWEALTH-SH88F6161 Datasheet
2Mb / 205P
Enhanced 8051 Microcontroller
V2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com