Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 108 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 108 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 104Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 105Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 106Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 107Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 108Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 109Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 110Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 111Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 112Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 152 page
background image
SH79F6488/SH79F6489
108
Table 8.30 ADC data output mode register
92H
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
ADCDS
-
-
-
-
-
ADCRATE
VINOS
ADCDF
R/W
-
-
-
-
-
R/W
R/W
R/W
Reset Value
(POR/WDT/LVR/PIN)
-
-
-
-
-
0
1
0
Bit Number
Bit Mnemonic
Description
2
ADCRATE
ADC data output rate mode
0:normal mode
1:standby test mode, not recommended
1
VINOS
VIN Configuration bit
0: P1.7 and P2.0 as I/O
1: P1.7 and P2.0 as VIN
0
ADCDF
ADC output data Storage format
0: ADC output data is bipolar mode
1: ADC output data is unipolar mode
ADC Conversion Data Value refer to following:
ADCDF = 0, ADC output data is bipolar mode
ADC input
VREF
VREF/2
+1LSB
0
-1LSB
-VREF/2
-VREF
ADC Data
(hexadecimal)
7FFFFH
40000H
00001H
00000H
FFFFFH
C0000H
80000H
ADC Data
(Decimal )
524287
262144
1
0
-1
-262144
-524288
ADCDF = 1, ADC output data is unipolar mode
ADC input
VREF
VREF/2
+1LSB
0
-1LSB
-VREF/2
-VREF
ADC Data
(hexadecimal)
FFFFFH
C0000H
80001H
80000H
7FFFFH
40000H
0
ADC Data
(Decimal )
1048575
786432
524289
524288
524287
262144
0
Start ADC Conversion Step:
(1) Select ADC channel and reference voltage.
(2) Enable ADC function start ADC conversion.
(3) ADCIF will be set when ADC conversion is finished, If ADC interrupt is enabled, an interrupt will generate.
(4) Obtain ADC conversion data by ADDH/ADDM/ADDL.
(5) Repeat step (3)-(4) to Obtain next ADC conversion data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com