Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F6489P/080PR Datasheet(PDF) 129 Page - SINOWEALTH Electronic Ltd

Part # SH79F6489P/080PR
Description  Enhanced 8051 Microcontroller with 20bit Σ-ΔADC and LCD Driver
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F6489P/080PR Datasheet(HTML) 129 Page - SINOWEALTH Electronic Ltd

Back Button SH79F6489P/080PR Datasheet HTML 125Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 126Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 127Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 128Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 129Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 130Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 131Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 132Page - SINOWEALTH Electronic Ltd SH79F6489P/080PR Datasheet HTML 133Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 152 page
background image
SH79F6488/SH79F6489
129
8.13 Warm-up Timer
8.13.1 Features
 Built-in power on warm-up counter to eliminate unstable state of power on
 Built-in oscillator warm-up counter to eliminate unstable state when oscillation startup
SH79F6488/SH79F6489 has a built-in power warm-up counter; it is designed to eliminate unstable state after power on or to do
some internal initial operation such as read customer option etc.
SH79F6488/SH79F6489 has also a built-in oscillator warm-up counter, it is designed to eliminate unstable state when oscillator
starts oscillating in the following conditions: Power-on reset, Pin reset, LVR reset, Watchdog Reset and Wake up from
Power-down mode.
After power-on, SH79F6488/SH79F6489 will start power warm-up procedure first, and then oscillator warm-up procedure.
Power Warm-up Time
Power On Reset/
Pin Reset/
Low Voltage Reset
WDT Reset
(Not in Power-Down Mode)
WDT Reset
(Wakeup from Power-Down
Mode)
Wakeup from Power-Down
Mode
(Only for interrupt)
TPWRT**
OSC
Warm up*
TPWRT**
OSC
Warm up*
TPWRT**
OSC
Warm up*
TPWRT**
OSC
Warm up*
11ms
YES
500us
NO
500us
YES
32us
YES
OSC Warm-up Time
Option:
OP_WMT
Oscillator Type
00
01
10
11
Ceramic/Crystal
2
17 X Tosc
2
14 X Tosc
2
11 X Tosc
2
8 X Tosc
32kHz Crystal
2
13 X Tosc
Internal RC
2
7 X Tosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com