Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 12 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 12 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 15Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 16Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
AAT2500
1MHz Step-Down Converter/LDO Regulator
12
2500.2006.05.1.16
Functional Block Diagram
Note: Internal resistor divider included for
≥1.2V versions. For low voltage versions, the feedback pin is tied directly to the error
amplifier input.
EN
LX
Error
Amp.
Logic
DH
DL
PGND
VP
FB
GND
Voltage
Reference
Voltage
Reference
Error
Amp.
OUT
Control
Logic
VLDO
Fast Start
Control
ENLDO
BYP
SGND
VCC
See
Note
Over-Current
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com