Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT2500 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
AAT2500
1MHz Step-Down Converter/LDO Regulator
4
2500.2006.05.1.16
Electrical Characteristics1
Symbol
Description
Conditions
Min
Typ Max
Units
LDO
VIN = VLDO = VOUT(NOM) + 1V for VOUT options greater than 1.5V. VIN = VLDO = 2.5V for VOUT ≤ 1.5V. IOUT =
1mA, COUT = 2.2µF, CIN = 1µF, TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C.
TA = 25°C
-1.5
1.5
VOUT
Output Voltage Tolerance
IOUT = 1mA to 300mA TA = -40°C
-2.5
2.5
%
to 85°C
VIN
Input Voltage
VOUT+VDO2
5.5
V
VDO
Dropout Voltage3, 4
IOUT = 300mA
400
600
mV
ΔVOUT/
Line Regulation
VIN = VOUT + 1V to 5V
0.09
%/V
VOUT*ΔVIN
ΔVOUT(Line) Dynamic Line Regulation
IOUT = 300mA, VIN = VOUT + 1V to
2.5
mV
VOUT + 2V, TR/TF = 2µS
ΔVOUT(Load)
Dynamic Load Regulation
IOUT = 1mA to 300mA, TR <5µS
60
mV
IOUT
Output Current
VOUT > 1.3V
300
mA
ISC
Short-Circuit Current
VOUT < 0.4V
600
mA
IQLDO
LDO Quiescent Current
VIN = 5V, No Load, ENLDO = VIN
70
125
µA
ISHDN
Shutdown Current
VIN = 5V; ENLDO = GND,
1.0
µA
EN = SGND = PGND
1kHz
67
PSRR
Power Supply Rejection Ratio IOUT = 10mA, CBYP = 10nF 10kHz
47
dB
1MHz
45
TSD
Over-Temperature Shutdown
145
°C
Threshold
THYS
Over-Temperature Shutdown
12
°C
Hysteresis
eN
Output Noise
eNBW = 300Hz to 50kHz
50
µVRMS
TC
Output Voltage Temperature
22
ppm/°C
Coefficient
1. The AAT2500 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. To calculate the minimum LDO input voltage, use the following equation: VIN(MIN) = VOUT(MAX) + VDO(MAX), as long as VIN ≥ 2.5V.
3. For VOUT <2.1V, VDO = 2.5 - VOUT.
4. VDO is defined as VIN - VOUT when VOUT is 98% of nominal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com