Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
Step-Down Converter
N-Channel R
DS(ON) vs. Input Voltage
(EN = VIN; ENLDO = GND)
Input Voltage (V)
300
350
400
450
500
550
600
650
700
750
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
25°C
120°C
100°C
85°C
Step-Down Converter
P-Channel R
DS(ON) vs. Input Voltage
(EN = VIN; ENLDO = GND)
Input Voltage (V)
300
350
400
450
500
550
600
650
700
750
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
25°C
120°C
100°C
85°C
Step-Down Converter
Input Current vs. Input Voltage
(VO = 1.8V; EN = VIN; ENLDO = GND)
Input Voltage (V)
85°C
25°C
-40°C
15
20
25
30
35
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Step-Down Converter
Switching Frequency vs. Temperature
(VIN = 3.6V; VO = 1.5V; EN = VIN; ENLDO = GND)
Temperature (
°°C)
-0.20
-0.10
0.00
0.10
0.20
-40
-20
0
20
40
60
80
100
Step-Down Converter
Output Voltage Error vs. Temperature
(VIN = 3.6V; VO = 1.5V; EN = VIN; ENLDO = GND)
Temperature (
°°C)
-2.0
-1.0
0.0
1.0
2.0
-40
-20
0
20
40
60
80
100
Step-Down Converter
Frequency vs. Input Voltage
(VOUT = 1.8V; EN = VIN; ENLDO = GND)
Input Voltage (V)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
AAT2500
1MHz Step-Down Converter/LDO Regulator
2500.2006.05.1.16
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com