Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
Step-Down Converter Soft Start
(VIN = 3.6V; VOUT = 1.8V; 400mA;
EN = VIN; ENLDO = GND)
250
μμs/div
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Step-Down Converter Line Regulation
(VOUT = 1.8V; EN = VIN; ENLDO = GND)
Input Voltage (V)
-0.35
-0.3
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IOUT = 400mA
IOUT = 100mA
IOUT = 10mA
Step-Down Converter Line Transient
(VOUT = 1.8V @ 400mA; EN = VIN; ENLDO = GND)
Time (25
μμs/div)
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
Step-Down Converter Load Transient Response
(30mA - 300mA; VIN = 3.6V; VOUT = 1.8V;
C1 = 4.7
μμF; EN = V
IN; ENLDO = GND)
Time (25
μs/div)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-0.2
300mA
30mA
Step-Down Converter Load Transient Response
(30mA - 300mA; VIN = 3.6V; VOUT = 1.8V; C1 = 10
μμF;
C4 = 100pF; EN = VIN; ENLDO = GND)
Time (25
μs/div)
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.1
0.0
1.2
1.4
0.8
0.6
1.0
0.2
0.4
-0.2
0.0
300mA
30mA
Step-Down Converter Load Transient Response
(30mA - 300mA; VIN = 3.6V; VOUT = 1.8V;
C1 = 10
μμF; EN = V
IN; ENLDO = GND)
Time (25
μs/div)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-0.2
300mA
30mA
AAT2500
1MHz Step-Down Converter/LDO Regulator
10
2500.2006.05.1.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com