Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT2500 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
AAT2500
1MHz Step-Down Converter/LDO Regulator
2500.2006.05.1.16
1
SystemPower™
Typical Application
AAT2500 Step-Down Converter Efficiency
Load Current (mA)
60
65
70
75
80
85
90
95
100
0.1
1
10
100
1000
VIN = 3.3V
1.8V
2.5V
4.7
μH
L1
4.7
μF
C1
2.2
μF
C4
10
μF
C3
10nF
C5
PGND
1
LX
2
VP
3
VCC
4
ENLDO
9
EN
10
FB
11
SGND
12
VLDO
5
OUT
6
GND
8
BYP
7
AAT2500
U1
L1 Sumida CDRH3D16-4R7
C1 Murata GRM219R61A475KE19
C3 Murata GRM21BR60J106KE19
VIN = 2.7V to 5.5V
3.3V at 300mA
2.5V at 400mA
General Description
The AAT2500 is a member of AnalogicTech's Total
Power Management IC™ (TPMIC™) product fam-
ily. It is a low dropout (LDO) linear regulator and a
step-down converter with an input voltage range of
2.7V to 5.5V, making it ideal for applications with
single lithium-ion/polymer batteries.
The LDO has an independent input and is capable
of delivering up to 300mA. The linear regulator has
been designed for high-speed turn-on and turn-off
performance, fast transient response, and good
power supply rejection ratio (PSRR). Other fea-
tures include low quiescent current and a low
dropout voltage.
The 400mA step-down converter is designed to
minimize external component size and cost while
maintaining a low 25µA no load quiescent current.
Peak current mode control with internal compen-
sation provides a stable converter with a low equiv-
alent series resistance (ESR) ceramic output
capacitor for extremely low output ripple.
For maximum battery life, the step-down converter
increases to 100% duty cycle and has a typical
180mV dropout voltage at 400mA. The output volt-
age is either fixed or adjustable with an integrated
P- and N-channel MOSFET power stage and
1MHz switching frequency.
The AAT2500 is available in a 12-pin TDFN33 or
STDFN33 package, and is rated over a tempera-
ture range of -40°C to +85°C.
Features
•VIN Range: 2.7V to 5.5V
•
300mA LDO Current Output
•
400mV LDO Dropout Voltage at 300mA
•
High Output Accuracy: ±1.5%
•
Fast LDO Line / Load Transient Response
•
400mA, 96% Efficiency Step-Down Converter
•
25µA No Load Quiescent Current for Step-
Down Converter
•
Shutdown Current <1µA
•
Low RDS(ON) 0.4Ω Integrated Power Switches
•
Low Dropout 100% Duty Cycle
•
1MHz Switching Frequency
•
Internal Soft Start
•
Over-Temperature Protection
•
Current Limit Protection
•
Available in TDFN33-12 or STDFN33-12
Package
•
-40°C to +85°C Temperature Range
Applications
•
Cellular Phones
•
Digital Cameras
•
Handheld Instruments
•
Microprocessor/DSP Core/IO Power
•
PDAs and Handheld Computers
•
Portable Media Players


Similar Part No. - AAT2500

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2500 SKYWORKS-AAT2500 Datasheet
2Mb / 23P
1MHz Step-Down Converter/LDO Regulator
June 4, 2012
logo
Advanced Analogic Techn...
AAT2500B ANALOGICTECH-AAT2500B Datasheet
1Mb / 21P
Adjustable 3-Channel Regulator
AAT2500BIZL-BAA-T1 ANALOGICTECH-AAT2500BIZL-BAA-T1 Datasheet
1Mb / 21P
Adjustable 3-Channel Regulator
logo
Skyworks Solutions Inc.
AAT2500IWP-AI-T1 SKYWORKS-AAT2500IWP-AI-T1 Datasheet
2Mb / 23P
1MHz Step-Down Converter/LDO Regulator
June 4, 2012
AAT2500IWP-AQ-T1 SKYWORKS-AAT2500IWP-AQ-T1 Datasheet
2Mb / 23P
1MHz Step-Down Converter/LDO Regulator
June 4, 2012
More results

Similar Description - AAT2500

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1143 ANALOGICTECH-AAT1143 Datasheet
594Kb / 20P
1MHz 400mA Step-Down Converter
AAT2506 ANALOGICTECH-AAT2506 Datasheet
558Kb / 26P
1MHz Step-Down Converter/LDO Regulator
AAT1123 ANALOGICTECH-AAT1123 Datasheet
558Kb / 20P
1MHz Step-Down Converter
AAT1123 ANALOGICTECH-AAT1123_07 Datasheet
577Kb / 20P
1MHz Step-Down Converter
AAT1143 ANALOGICTECH-AAT1143_06 Datasheet
772Kb / 20P
1MHz 400mA Step-Down Converter
AAT2506 ANALOGICTECH-AAT2506_06 Datasheet
682Kb / 26P
1MHz Step-Down Converter/LDO Regulator
AAT2506 ANALOGICTECH-AAT2506_07 Datasheet
634Kb / 26P
1MHz Step-Down Converter/LDO Regulator
logo
Skyworks Solutions Inc.
AAT1123 SKYWORKS-AAT1123 Datasheet
936Kb / 18P
1MHz Step-Down Converter
AAT1143 SKYWORKS-AAT1143 Datasheet
1Mb / 19P
1MHz 400mA Step-Down Converter
AAT2506 SKYWORKS-AAT2506 Datasheet
1Mb / 23P
1MHz Step-Down Converter/LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com