Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 24 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 24 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 21Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 22Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 23Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 24Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 25Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 26Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Ordering Information
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Voltage
Package
Buck Converter
LDO
Marking1
Part Number (Tape and Reel)2
STDFN33-123
Adj - 0.6V
2.8V
OAXYY
AAT2500IFP-AQ-T1
TDFN33-12
Adj - 0.6V
3.3V
NZXYY
AAT2500IWP-AW-T1
TDFN33-12
Adj - 0.6V
3.0V
NYXYY
AAT2500IWP-AT-T1
TDFN33-12
Adj - 0.6V
2.8V
OAXYY
AAT2500IWP-AQ-T1
TDFN33-12
Adj - 0.6V
2.7V
ORXYY
AAT2500IWP-AP-T1
TDFN33-12
Adj - 0.6V
2.5V
OOXYY
AAT2500IWP-AN-T1
TDFN33-12
Adj - 0.6V
1.8V
ONXYY
AAT2500IWP-AI-T1
TDFN33-12
Adj - 0.6V
1.5V
OMXYY
AAT2500IWP-AG-T1
TDFN33-12
1.2V
3.0V
OWXYY
AAT2500IWP-ET-T1
TDFN33-12
1.8V
2.7V
PFXYY
AAT2500IWP-IP-T1
TDFN33-12
1.8V
3.3V
SHXYY
AAT2500IWP-IW T1
AAT2500
1MHz Step-Down Converter/LDO Regulator
24
2500.2006.05.1.16
Legend
Voltage
Code
Adjustable
A
(0.6V)
0.9
B
1.2
E
1.5
G
1.8
I
1.9
Y
2.5
N
2.6
O
2.7
P
2.8
Q
2.85
R
2.9
S
3.0
T
3.3
W
4.2
C
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.
3. Contact Sales for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com