Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 22 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 22 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 21Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 22Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 23Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 24Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 25Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 26Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Table 3: Evaluation Board Component Values.
Table 4: Typical Surface Mount Inductors.
Inductance
Max DC
DCR
Size (mm)
Manufacturer
Part Number
(µH)
Current (A)
(
Ω
Ω)
LxWxH
Type
Sumida
CDRH3D16-4R7
4.7
0.90
0.11
3.8x3.8x1.8
Shielded
Sumida
CDRH3D16-100
10
0.55
0.21
3.8x3.8x1.8
Shielded
MuRata
LQH32CN4R7M23
4.7
0.45
0.20
2.5x3.2x2.0
Non-Shielded
MuRata
LQH32CN4R7M33
4.7
0.65
0.15
2.5x3.2x2.0
Non-Shielded
MuRata
LQH32CN4R7M53
4.7
0.65
0.15
2.5x3.2x1.55
Non-Shielded
Coilcraft
LPO6610-472
4.7
1.10
0.20
5.5x6.6x1.0
1mm
Coilcraft
LPO3310-472
4.7
0.80
0.27
3.3x3.3x1.0
1mm
Coiltronics
SDRC10-4R7
4.7
1.53
0.117
4.5x3.6x1.0
1mm Shielded
Coiltronics
SDR10-4R7
4.7
1.30
0.122
5.7x4.4x1.0
1mm Shielded
Coiltronics
SD3118-4R7
4.7
0.98
0.122
3.1x3.1x1.85
Shielded
Coiltronics
SD18-4R7
4.7
1.77
0.082
5.2x5.2x1.8
Shielded
VOUT (V)
R1 (k
Ω
Ω)
R1 (k
Ω
Ω)
L1 (µH)
Adjustable Version
R2 = 59k
Ω
Ω
R2 = 221k
Ω
Ω11
(0.6V device)
0.8
19.6
75.0
4.7
0.9
29.4
113
4.7
1.0
39.2
150
4.7
1.1
49.9
187
4.7
1.2
59.0
221
4.7
1.3
68.1
261
4.7
1.4
78.7
301
4.7
1.5
88.7
332
4.7
1.8
118
442
4.7
1.85
124
464
4.7
2.0
137
523
4.7 or 6.8
2.5
187
715
10
VOUT (V)
R1 (k
Ω
Ω)
L1 (µH)
Fixed Version
R2 Not Used
0.6-3.3V
0
4.7
AAT2500
1MHz Step-Down Converter/LDO Regulator
22
2500.2006.05.1.16
1. For reduced quiescent current R2 = 221k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com