Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT2500 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
AAT2500
1MHz Step-Down Converter/LDO Regulator
2500.2006.05.1.16
3
Absolute Maximum Ratings1
Thermal Information
Symbol
Description
Value
Units
PD
Maximum Power Dissipation
2
W
θJA
Thermal Resistance2
50
°C/W
Symbol
Description
Value
Units
VP, VLDO
Input Voltages to GND
6.0
V
VLX
LX to GND
-0.3 to VP + 0.3
V
VFB
FB to GND
-0.3 to VP + 0.3
V
VEN
EN to GND
-0.3 to 6.0
V
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at
conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any
one time.
2. Mounted on an FR4 board with exposed paddle connected to ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com