Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C, VIN = VLDO = VCC = VP.
LDO Self Noise
(EN = GND; ENLDO = VIN)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
10000
Frequency (kHz)
Band Power:
300Hz to 50kHz = 44.6μVrms
100Hz to 100kHz = 56.3μVrms
LDO Load Transient Response 300mA
(CBYP = 10nF; EN = GND; ENLDO = VIN)
2.10
2.20
2.30
2.40
2.50
2.60
2.70
2.80
2.90
3.00
10
μμs/div
-100
0
100
200
300
400
500
600
700
800
VOUT
IOUT
LDO Load Transient Response
(CBYP = 10nF; EN = GND; ENLDO = VIN)
2.60
2.65
2.70
2.75
2.80
2.85
2.90
100
μS/div
-100
0
100
200
300
400
500
VOUT
IOUT
LDO Line Transient Response
(CBYP = 10nF; EN = GND; ENLDO = VIN)
2.98
2.99
3.00
3.01
3.02
3.03
3.04
100
μs/div
0
1
2
3
4
5
6
VIN
VOUT
LDO Turn-On Time From Enable (VIN present)
(CBYP = 10nF; EN = GND; ENLDO = VIN)
5
μμs/div
VIN = 4V
VOUT = 1V/div
VENLDO = 5V/div
LDO Turn-Off Response Time
(CBYP = 10nF; EN = GND; ENLDO = VIN)
50
μs/div
VENLDO (5V/div)
VOUT (1V/div)
AAT2500
1MHz Step-Down Converter/LDO Regulator
2500.2006.05.1.16
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com