Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 17 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 17 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 15Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 16Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 17Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 21Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
In applications where the input power source lead
inductance cannot be reduced to a level that does
not affect the converter performance, a high ESR
tantalum or aluminum electrolytic should be placed
in parallel with the low ESR, ESL bypass ceramic.
This dampens the high Q network and stabilizes
the system.
Output Capacitor
The output capacitor limits the output ripple and
provides holdup during large load transitions. A
4.7µF to 10µF X5R or X7R ceramic capacitor typi-
cally provides sufficient bulk capacitance to stabi-
lize the output during large load transitions and has
the ESR and ESL characteristics necessary for low
output ripple.
The output voltage droop due to a load transient is
dominated by the capacitance of the ceramic out-
put capacitor. During a step increase in load cur-
rent, the ceramic output capacitor alone supplies
the load current until the loop responds. Within two
or three switching cycles, the loop responds and
the inductor current increases to match the load
current demand. The relationship of the output volt-
age droop during the three switching cycles to the
output capacitance can be estimated by:
Once the average inductor current increases to the
DC load level, the output voltage recovers. The
above equation establishes a limit on the minimum
value for the output capacitor with respect to load
transients.
The internal voltage loop compensation also limits
the minimum output capacitor value to 4.7µF. This
is due to its effect on the loop crossover frequency
(bandwidth), phase margin, and gain margin.
Increased output capacitance will reduce the
crossover frequency with greater phase margin.
The maximum output capacitor RMS ripple current
is given by:
Dissipation due to the RMS current in the ceramic
output capacitor ESR is typically minimal, resulting in
less than a few degrees rise in hot-spot temperature.
Adjustable Output Resistor Selection
For applications requiring an adjustable output volt-
age, the 0.6V version can be externally pro-
grammed. Resistors R1 and R2 of Figure 5 program
the output to regulate at a voltage higher than 0.6V.
To limit the bias current required for the external
feedback resistor string while maintaining good
noise immunity, the minimum suggested value for
1
23
VOUT · (VIN(MAX) - VOUT)
RMS(MAX)
I
L · F · VIN(MAX)
=·
·
COUT = 3 · ΔILOAD
VDROOP · FS
AAT2500
1MHz Step-Down Converter/LDO Regulator
2500.2006.05.1.16
17
Figure 3: AAT2500 Evaluation Board Top Side.
Figure 4: AAT2500 Evaluation Board
Bottom Side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com