Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 20 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 20 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 16Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 17Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 21Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 22Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 23Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 24Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Step-Down Converter Design Example
Specifications
VOBUCK = 1.8V @ 400mA (adjustable using 0.6V version), Pulsed Load ΔILOAD = 300mA
VOLDO = 3.3V @ 300mA
VIN
= 2.7V to 4.2V (3.6V nominal)
FS
= 1.0MHz
TAMB
= 85°C
1.8V Buck Output Inductor
(see Table 1)
For Sumida inductor CDRH3D16, 4.7µH, DCR = 105m
Ω.
1.8V Output Capacitor
VDROOP = 0.2V
1
23
1
1.8V · (4.2V - 1.8V)
4.7μH · 1.0MHz · 4.2V
23
RMS
I
L1 · F · VIN(MAX)
=
·
·
3 · ΔILOAD
VDROOP · FS
3 · 0.3A
0.2V · 1MHz
COUT =
=
= 4.5μF
·
= 63mArms
·
(VOBUCK) · (VIN(MAX) - VOBUCK) =
Pesr = esr · IRMS2 = 5mΩ · (63mA)2 = 20μW
V
OBUCK
V
OBUCK
1.8
V
1.8V
ΔIL1 =
⋅ 1 -
=
⋅ 1 -
= 218mA
L1
⋅ F
V
IN
4.7
μH ⋅ 1.0MHz
4.2V
I
PKL1 = IOBUCK +
ΔIL1 = 0.4A + 0.11A = 0.51A
2
P
L1 = IOBUCK
2
⋅ DCR = 0.4A2 ⋅ 105mΩ = 17mW
⎛
⎝
⎞
⎠
⎛
⎝
⎞
⎠
L1 = 3
⋅ VO2 = 3
⋅ 1.8V = 5.4μH
μsec
A
μsec
A
AAT2500
1MHz Step-Down Converter/LDO Regulator
20
2500.2006.05.1.16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com