Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT2500 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
AAT2500
1MHz Step-Down Converter/LDO Regulator
2500.2006.05.1.16
5
Electrical Characteristics1
Symbol
Description
Conditions
Min
Typ Max
Units
Buck Converter Typical values are TA = 25°C, VIN = VCC = Vp = 3.6V.
VIN
Input Voltage
2.7
5.5
V
VIN Rising
2.6
V
VUVLO
UVLO Threshold
Hysteresis
100
mV
VIN Falling
1.8
V
VOUT
Output Voltage Tolerance
IOUT = 0 to 400mA,
-3.0
+3.0
%
VIN = 2.7V to 5.5V
VOUT
Output Voltage Range
Fixed Output Version
0.6
4.0
V
Adjustable Output Version2
0.6
2.5
IQBUCK
Step-Down Converter
ENLDO = GND, No Load,
25
50
µA
Quiescent Current
0.6V Adjustable Model
ISHDN
Shutdown Current
EN = SGND = PGND, ENLDO = GND
1.0
µA
ILIM
P-Channel Current Limit
600
mA
RDS(ON)H
High Side Switch On
0.45
Ω
Resistance
RDS(ON)L
Low Side Switch On
0.4
Ω
Resistance
ILXLK
LX Leakage Current
VIN = 5.5V, VLX = 0 - VIN
1.0
µA
EN = SGND = PGND
VLinereg
Line Regulation
VIN = 2.7V to 5.5V
0.2
%/V
VFB
FB Threshold Voltage
0.6V Output, No Load, TA = 25°C
597
600
615
mV
Accuracy
IFB
FB Leakage Current
0.6V Output
0.2
µA
RFB
FB Impedance
>0.6V Output
250
k
Ω
FOSC
Oscillator Frequency
TA = 25°C
0.7
1.0
1.5
MHz
TSD
Over-Temperature Shutdown
140
°C
Threshold
THYS
Over-Temperature Shutdown
15
°C
Hysteresis
Logic Signals
VEN(L)
Enable Threshold Low
0.6
V
VEN(H)
Enable Threshold High
1.5
V
IEN(H)
Leakage Current
1.0
1.0
µA
1. The AAT2500 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured
by design, characterization, and correlation with statistical process controls.
2. For adjustable version with higher than 2.5V output, please consult your AnalogicTech representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com