Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 19 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 19 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 15Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 16Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 17Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 21Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 22Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 23Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Thermal Calculations
There are three types of losses associated with the
AAT2500 step-down converter: switching losses,
conduction losses, and quiescent current losses.
Conduction losses are associated with the RDS(ON)
characteristics of the power output switching
devices. Switching losses are dominated by the
gate charge of the power output switching devices.
At full load, assuming continuous conduction mode
(CCM), a simplified form of the step-down convert-
er and LDO losses is given by:
IQBUCK is the step-down converter quiescent cur-
rent and IQLDO is the LDO quiescent current. The
term tsw is used to estimate the full load step-down
converter switching losses.
For the condition where the buck converter is in
dropout at 100% duty cycle, the total device dissi-
pation reduces to:
Since RDS(ON), quiescent current, and switching
losses all vary with input voltage, the total losses
should be investigated over the complete input
voltage range.
Given the total losses, the maximum junction tem-
perature can be derived from the
θJA for the
TDFN/STDFN33-12 package which is 50°C/W.
PCB Layout
The following guidelines should be used to ensure
a proper layout.
1. The input capacitor C2 should connect as
closely as possible to VP and PGND, as shown
in Figure 4.
2. The output capacitor and inductor should be
connected as closely as possible. The connec-
tion of the inductor to the LX pin should also be
as short as possible.
3. The feedback trace should be separate from
any power trace and connect as closely as
possible to the load point. Sensing along a
high-current load trace will degrade DC load
regulation. If external feedback resistors are
used, they should be placed as closely as pos-
sible to the FB pin. This prevents noise from
being coupled into the high impedance feed-
back node.
4. The resistance of the trace from the load return
to GND should be kept to a minimum. This will
help to minimize any error in DC regulation due
to differences in the potential of the internal sig-
nal ground and the power ground.
5. For good thermal coupling, PCB vias are
required from the pad for the TDFN/STDFN pad-
dle to the ground plane. The via diameter should
be 0.3mm to 0.33mm and positioned on a
1.2mm grid.
6. LDO bypass capacitor (C5) should be connected
directly between pins 7 (BYP) and 8 (GND)
TJ(MAX) = PTOTAL · ΘJA + TAMB
PTOTAL = IOBUCK2 · RDSON(HS) + IOLDO · (VIN - VOLDO)
+ (IQBUCK + IQLDO) · VIN
PTOTAL
IOBUCK2 · (RDSON(HS) · VOBUCK + RDSON(LS) · [VIN - VOBUCK])
VIN
=
+ (tsw · F · IOBUCK + IQBUCK + IQLDO) · VIN + IOLDO · (VIN - VOLDO)
AAT2500
1MHz Step-Down Converter/LDO Regulator
2500.2006.05.1.16
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com