Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 14 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 14 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 15Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 16Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 17Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 18Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
AAT2500
1MHz Step-Down Converter/LDO Regulator
14
2500.2006.05.1.16
Low Dropout Operation
For conditions where the input voltage drops to the
output voltage level, the converter duty cycle
increases to 100%. As 100% duty cycle is
approached, the minimum off-time initially forces
the high side on-time to exceed the 1MHz clock
cycle and reduce the effective switching frequency.
Once the input drops below the level where the out-
put can be regulated, the high side P-channel
MOSFET is turned on continuously for 100% duty
cycle. At 100% duty cycle, the output voltage tracks
the input voltage minus the IR drop of the high side
P-channel MOSFET RDS(ON).
Low Supply
The under-voltage lockout (UVLO) guarantees suf-
ficient VIN bias and proper operation of all internal
circuitry prior to activation.
Fault Protection
For overload conditions, the peak inductor current is
limited. Thermal protection disables switching when
the internal dissipation or ambient temperature
becomes excessive. The junction over-temperature
threshold is 140°C with 15°C of hysteresis.
Applications Information
Linear Regulator
Input and Output Capacitors: An input capacitor
is not required for basic operation of the linear reg-
ulator. However, if the AAT2500 is physically locat-
ed more than three centimeters from an input
power source, a CIN capacitor will be needed for
stable operation. Typically, a 1µF or larger capaci-
tor is recommended for CIN in most applications.
CIN should be located as closely to the device VIN
pin as practically possible.
An input capacitor greater than 1µF will offer supe-
rior input line transient response and maximize
power supply ripple rejection. Ceramic, tantalum,
or aluminum electrolytic capacitors may be select-
ed for CIN. There is no specific capacitor ESR
requirement for CIN. However, for 300mA LDO reg-
ulator output operation, ceramic capacitors are rec-
ommended for CIN due to their inherent capability
over tantalum capacitors to withstand input current
surges from low impedance sources such as bat-
teries in portable devices.
For proper load voltage regulation and operational
stability, a capacitor is required between OUT and
GND. The COUT capacitor connection to the LDO
regulator ground pin should be made as directly as
practically possible for maximum device perform-
ance. Since the regulator has been designed to
function with very low ESR capacitors, ceramic
capacitors in the 1.0µF to 10µF range are recom-
mended for best performance. Applications utilizing
Figure 1: AAT2500 Fixed Output.
Figure 2: AAT2500 with Adjustable Step-Down
Output and Enhanced Transient Response.
L1
4.7
μF
C1
VIN
R1
59k
R2
4.7
μF
C4
10
μF
C3
10nF
C5
VOUTLDO
VOUTBUCK
100pF
C8
PGND
1
LX
2
VP
3
VCC
4
ENLDO
9
EN
10
FB
11
SGND
12
VLDO
5
OUT
6
GND
8
BYP
7
AAT2500
U1
L1
4.7
μF
C1
VOUTBUCK
VIN
4.7
μF
C4
10
μF
C3
10nF
C5
VOUTLDO
PGND
1
LX
2
VP
3
VCC
4
ENLDO
9
EN
10
FB
11
SGND
12
VLDO
5
OUT
6
GND
8
BYP
7
AAT2500
U1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com