Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 15 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 15 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 15Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 16Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 17Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 19Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
the exceptionally low output noise and optimum
power supply ripple rejection should use 2.2µF or
greater for COUT. In low output current applications,
where output load is less than 10mA, the minimum
value for COUT can be as low as 0.47µF.
Equivalent Series Resistance: ESR is a very
important characteristic to consider when selecting a
capacitor. ESR is the internal series resistance asso-
ciated with a capacitor that includes lead resistance,
internal connections, size and area, material compo-
sition, and ambient temperature. Typically, capacitor
ESR is measured in milliohms for ceramic capaci-
tors and can range to more than several ohms for
tantalum or aluminum electrolytic capacitors.
Bypass Capacitor and Low Noise
Applications
A bypass capacitor pin is provided to enhance the
low noise characteristics of the LDO. The bypass
capacitor is not necessary for operation; however,
for best device performance, a small ceramic
capacitor in the range of 470pF to 10nF should be
placed between the bypass pin (BYP) and the
device ground pin (GND). To practically realize the
highest power supply ripple rejection and lowest
output noise performance, it is critical that the
capacitor connection between the BYP pin and
GND pin be direct and PCB traces should be as
short as possible.
DC leakage on this pin can affect the LDO regula-
tor output noise and voltage regulation perform-
ance. For this reason, the use of a low leakage,
high quality ceramic (NPO or C0G type) or film
capacitor is highly recommended.
Step-Down Converter
Inductor Selection: The step-down converter
uses peak current mode control with slope com-
pensation to maintain stability for duty cycles
greater than 50%. The output inductor value must
be selected so the inductor current down slope
meets the internal slope compensation require-
ments. The internal slope compensation for the
adjustable and low-voltage fixed versions of the
AAT2500 is 0.24A/µsec. This equates to a slope
compensation that is 75% of the inductor current
down slope for a 1.5V output and 4.7µH inductor.
This is the internal slope compensation for the
adjustable (0.6V) version or low-voltage fixed ver-
sions. When externally programming the 0.6V ver-
sion to 2.5V, the calculated inductance is 7.5µH.
In this case, a standard 10µH value is selected.
For high-voltage fixed versions (2.5V and above),
m = 0.48A/µsec. Table 1 displays inductor values
for the AAT2500 fixed and adjustable options.
0.75 ⋅ VO
L =
=
≈ 3
⋅ VO
= 3
⋅ 2.5V = 7.5μH
m
0.75 ⋅ VO
0.24A
μsec
A
μsec
A
A
μsec
0.75 ⋅ VO
m =
=
= 0.24
L
0.75 ⋅ 1.5V
4.7μH
A
μsec
AAT2500
1MHz Step-Down Converter/LDO Regulator
2500.2006.05.1.16
15
Table 1: Inductor Values.
Configuration
Output Voltage
Inductor
Slope Compensation
0.6V Adjustable With
0.6V to 2.0V
4.7µH
0.24A/µsec
External Resistive Divider
2.5V
10µH
0.24A/µsec
Fixed Output
0.6V to 2.0V
4.7µH
0.24A/µsec
2.5V to 3.3V
4.7µH
0.48A/µsec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com