Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT2500 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
AAT2500
1MHz Step-Down Converter/LDO Regulator
2
2500.2006.05.1.16
Pin Descriptions
Pin Configuration
TDFN/STDFN33-12
(TopView)
PGND
LX
VP
1
VCC
VLDO
OUT
SGND
FB
EN
ENLDO
GND
BYP
2
3
4
5
6
12
11
10
9
8
7
Pin #
Symbol
Function
1
PGND
Step-down converter power ground return pin. Connect to the output and input capaci-
tor return. See section on PCB layout guidelines and evaluation board layout diagram.
2
LX
Power switching node. Output switching node that connects to the output inductor.
3
VP
Step-down converter power stage supply voltage. Must be closely decoupled to PGND.
4
VCC
Step-down converter bias supply. Connect to VP.
5
VLDO
LDO input voltage; should be decoupled with 1µF or greater capacitor.
6
OUT
300mA LDO output pin. A 2.2µF or greater output low-ESR ceramic capacitor is
required for stability.
7
BYP
Bypass capacitor for the LDO. To improve AC ripple rejection, connect a 10nF capaci-
tor to GND. This will also provide a soft-start function.
8
GND
LDO ground connection pin.
9
ENLDO
Enable pin for LDO. When connected low, LDO is disabled and consumes less than
1µA of current.
10
EN
Step-down converter enable. When connected low, LDO is disabled and consumes
less than 1µA.
11
FB
Step-down converter feedback input pin. For fixed output voltage versions, this pin is
connected to the converter output, forcing the converter to regulate to the specific volt-
age. For adjustable output versions, an external resistive divider ties to this point and
programs the output voltage to the desired value.
12
SGND
Step-down converter signal ground. For external feedback, return the feedback resis-
tive divider to this ground. For internal fixed version, tie to the point of load return. See
section on PCB layout guidelines and evaluation board layout diagram.
EP
Exposed paddle (bottom). Use properly sized vias for thermal coupling to the ground
plane. See section on PCB layout guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com