Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 21 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 21 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 17Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 21Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 22Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 23Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 24Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 25Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Input Capacitor
Input Ripple VPP = 25mV
AAT2500 Losses
T
J(MAX) = TAMB +
ΘJA · PLOSS = 85
°C + (50°C/W) · 392mW = 105°C
PTOTAL
+ (tsw · F · IOBUCK + IQBUCK + IQLDO) · VIN + (VIN - VLDO) · ILDO
IOBUCK2 · (RDSON(HS) · VOBUCK + RDSON(LS) · [VIN - VOBUCK])
VIN
=
=
+ (5ns · 1.0MHz · 0.4A + 50μA +125μA) · 4.2V + (4.2V - 3.3V) · 0.3A = 392mW
0.42 · (0.725
Ω · 1.8V + 0.7Ω · [4.2V - 1.8V])
4.2V
IOBUCK
RMS
I
P = esr · IRMS2 = 5mΩ · (0.2A)2 = 0.2mW
2
=
= 0.2Arms
CIN =
=
= 4.75μF
1
⎛⎞
- ESR ·
4 · FS
⎝⎠
VPP
IOBUCK
1
⎛⎞
- 5mΩ ·
4 · 1MHz
⎝⎠
25mV
0.4A
AAT2500
1MHz Step-Down Converter/LDO Regulator
2500.2006.05.1.16
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com