Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25°C.
Step-Down Converter Output Ripple
(VIN = 3.6V; VOUT = 1.8V; 400mA;
EN = VIN; ENLDO = GND)
Time (250ns/div)
-120
-100
-80
-60
-40
-20
0
20
40
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
AAT2500
1MHz Step-Down Converter/LDO Regulator
2500.2006.05.1.16
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com