Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 18 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 18 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 14Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 15Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 16Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 17Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 21Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 22Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
AAT2500
1MHz Step-Down Converter/LDO Regulator
18
2500.2006.05.1.16
R2 is 59k
Ω. Although a larger value will further
reduce quiescent current, it will also increase the
impedance of the feedback node, making it more
sensitive to external noise and interference. Table 2
summarizes the resistor values for various output
voltages with R2 set to either 59k
Ω for good noise
immunity or 221k
Ω for reduced no load input current.
The adjustable version of the AAT2500, combined
with an external feedforward capacitor (C8 in
Figures 2 and 5), delivers enhanced transient
response for extreme pulsed load applications. The
addition of the feedforward capacitor typically
requires a larger output capacitor C1 for stability.
Table 2: Adjustable Resistor Values For Use
With 0.6V Step-Down Converter.
R2 = 59k
Ω
Ω
R2 = 221k
Ω
Ω
VOUT (V)
R1 (k
Ω
Ω)
R1 (k
Ω
Ω)
0.8
19.6
75
0.9
29.4
113
1.0
39.2
150
1.1
49.9
187
1.2
59.0
221
1.3
68.1
261
1.4
78.7
301
1.5
88.7
332
1.8
118
442
1.85
124
464
2.0
137
523
2.5
187
715
⎛⎞
⎝⎠
R1 =
-1 · R2 =
- 1 · 59kΩ = 88.5kΩ
VOUT
VREF
⎛⎞
⎝⎠
1.5V
0.6V
Figure 5: AAT2500 Evaluation Board Schematic.
1. For step-down converter, enhanced transient configuration C8 = 100pF and C1 = 10uF.
Table 3
L1
4.7μF1
C1
10μF
C2
GND
VIN1
1
2
3
Buck Enable
LX1
GND
Table 3
R1
59k
R2
PGND
1
LX
2
VP
3
VCC
4
ENLDO
9
EN
10
FB
11
SGND
12
IN
5
OUT
6
GND
8
BYP
7
AAT2500
U1
4.7μF
C4
10μF
C3
10nF
C5
1
2
3
LDO Enable
VOUTLDO
VOUTBUCK
1
2
3
LDO Input
0.01μF
C7
C81
n/a
C9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com