Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT2500 Datasheet(PDF) 23 Page - Advanced Analogic Technologies

Part # AAT2500
Description  1MHz Step-Down Converter/LDO Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2500 Datasheet(HTML) 23 Page - Advanced Analogic Technologies

Back Button AAT2500 Datasheet HTML 18Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 19Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 20Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 21Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 22Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 23Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 24Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 25Page - Advanced Analogic Technologies AAT2500 Datasheet HTML 26Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Table 5: Surface Mount Capacitors.
Manufacturer
Part Number
Value
Voltage
Temp. Co.
Case
MuRata
GRM21BR61A475KA73L
4.7µF
10V
X5R
0805
MuRata
GRM18BR60J475KE19D
4.7µF
6.3V
X5R
0603
MuRata
GRM21BR60J106KE19
10µF
6.3V
X5R
0805
MuRata
GRM21BR60J226ME39
22µF
6.3V
X5R
0805
AAT2500
1MHz Step-Down Converter/LDO Regulator
2500.2006.05.1.16
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com