Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 228 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 228 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 224Page - Texas Instruments DRA821U2...ALM Datasheet HTML 225Page - Texas Instruments DRA821U2...ALM Datasheet HTML 226Page - Texas Instruments DRA821U2...ALM Datasheet HTML 227Page - Texas Instruments DRA821U2...ALM Datasheet HTML 228Page - Texas Instruments DRA821U2...ALM Datasheet HTML 229Page - Texas Instruments DRA821U2...ALM Datasheet HTML 230Page - Texas Instruments DRA821U2...ALM Datasheet HTML 231Page - Texas Instruments DRA821U2...ALM Datasheet HTML 232Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 252 page
background image
9 Applications, Implementation, and Layout
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes. Customers should validate and test design
implementation to confirm system functionality.
9.1 Power Supply Mapping
TPS6594x and LP8764x are the Power Management ICs (PMIC) that should be used for Power Distribution
Network (PDN) designs to support this device. TI requires use of these PMICs for the following reasons:
• TI has validated their use with the Device
• Board level margins including transient response and output accuracy are analyzed and optimized for the
entire system
• Support for power sequencing requirements (refer to Section 7.9.2, Power Supply Sequences)
• Support for Adaptive Voltage Scaling (AVS) Class 0 requirements, including TI provided software
When combining device voltage domains into a common power rail is allowed, the most strigent voltage domain
PDN guideline must be implemented for the common power rail.
It is possible that some device voltage domains may be unused in some systems. In such cases, all unused
voltage domain supply pins must still be connected to a valid power rail with a proper voltage level in order
to ensure device reliability (refer to Section 4.3, Signal Descriptions). For example, if MCU is not used, then
vdd_mcu domain can be combined with the CORE domain (vdd_core) that has the same voltage specifications.
A buck converter power stage connected to the common power rail would then supply both CORE and MCU
domains.
For the combined rail, the following relaxations apply:
• The AVS voltage of active rail in the combined rail needs to be used to set the power supply
• The decoupling capacitance should be set according to the active rail in the combined rail
Figure 9-1 shows an example of the detailed power mapping between the processor and TPS659414-Q1 and
LP876441-Q1 PMICs. In this configuration, both PMIC devices use a 3.3V input voltage. For more details, refer
to the appnote titled “User's Guide for Powering DRA821 with the TPS6594-Q1 and LP8764-Q1 PMICs".
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
228
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com