Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 232 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 232 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 228Page - Texas Instruments DRA821U2...ALM Datasheet HTML 229Page - Texas Instruments DRA821U2...ALM Datasheet HTML 230Page - Texas Instruments DRA821U2...ALM Datasheet HTML 231Page - Texas Instruments DRA821U2...ALM Datasheet HTML 232Page - Texas Instruments DRA821U2...ALM Datasheet HTML 233Page - Texas Instruments DRA821U2...ALM Datasheet HTML 234Page - Texas Instruments DRA821U2...ALM Datasheet HTML 235Page - Texas Instruments DRA821U2...ALM Datasheet HTML 236Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 252 page
background image
jitter performance of clock, PLL and DLL signals. Combining analog VDDA_1p8_<phy> domains should be
avoided but if grouped, then in-line ferrite bead supply filtering is required.
6. VDDA_1P8_<phy> are 1.8V analog domains supporting multiple serial PHY interfaces. A low noise, analog
supply is recommended to provide best signal integrity, interface performance and spec compliance. If any of
these interfaces are not needed, data bit errors or non-compliant operation can be tolerated, then domains
can be grouped with digital IO 1.8V power rail either directly or through an in-line supply filter is allowed.
7. VDDA_0P8_<dll/pll> are 0.8V analog domains supporting PLL and DLL circuitry needing a low noise supply
for optimal performance. It is not recommended to combine these domains with any other 0.8V domains
since high frequency switching noise could negatively impact jitter performance of PLL and DLL signals.
8. VDD_MCU is a digital voltage domain with a wide range enabling it to be grouped and ramped-up with either
0.8V VDD_CORE or 0.85V RAM array (VDDAR_xxx) domains.
9.2 Device Connection and Layout Fundamentals
9.2.1 Power Supply Decoupling and Bulk Capacitors
9.2.1.1 Power Distribution Network Implementation Guidance
The Sitara Processor Power Distribution Networks: Implementation and Analysis provides guidance for
successful implementation of the power distribution network. This includes PCB stackup guidance as well as
guidance for optimizing the selection and placement of the decoupling capacitors. TI supports only designs that
follow the board design guidelines contained in the application report.
9.2.2 External Oscillator
For more information about External Oscillators, see Section 7.9.4, Clock Specifications
9.2.3 JTAG and EMU
Texas Instruments supports a variety of eXtended Development System (XDS) JTAG controllers with various
debug capabilities beyond only JTAG support. A summary of this information is available in the XDS Target
Connection Guide.
For more recommendations on EMU routing, see Emulation and Trace Headers Technical Reference Manual
9.2.4 Reset
The device incorporates four external reset pins (MCU_PORz, MCU_RESETz, PORz, and RESET_REQz) and
two reset status pins (MCU_RESETSTATz and RESETSTATz). These pins can be driven by an external power
good circuitry or Power Management IC (PMIC). MCU_PORz and Main PORz pins should be held active low
during the entire power-up phase, and until all power supplies as well as the HFOSC0 clock are stable.
All MCU domain resets act as master resets to the whole device, whereas Main domain resets only reset Main
domain (MCU domain is reset isolated from all Main domain resets).
9.2.5 Unused Pins
For more information about Unused Pins, see Section 6.5, Connections for Unused Pins
9.2.6 Hardware Design Guide for JacintoTM 7 Devices
The Hardware Design Guide for JacintoTM 7 Devices document describes hardware system design
considerations for the JacintoTM 7 family of processors.This design guide is intended to be used as an aid
during the development of application hardware.
9.3 Peripheral- and Interface-Specific Design Information
9.3.1 LPDDR4 Board Design and Layout Guidelines
The goal of the Jacinto 7 DDR Board Design and Layout Guidelines is to make the LPDDR4 system
implementation straightforward for all designers. Requirements have been distilled down to a set of layout and
routing rules that allow designers to successfully implement a robust design for the topologies that TI supports.
TI only supports board designs using LPDDR4 memories that follow the guidelines in this document.
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
232
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com