Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA821U2...ALM Datasheet(PDF) 229 Page - Texas Instruments

Part # DRA821U2...ALM
Description  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRA821U2...ALM Datasheet(HTML) 229 Page - Texas Instruments

Back Button DRA821U2...ALM Datasheet HTML 225Page - Texas Instruments DRA821U2...ALM Datasheet HTML 226Page - Texas Instruments DRA821U2...ALM Datasheet HTML 227Page - Texas Instruments DRA821U2...ALM Datasheet HTML 228Page - Texas Instruments DRA821U2...ALM Datasheet HTML 229Page - Texas Instruments DRA821U2...ALM Datasheet HTML 230Page - Texas Instruments DRA821U2...ALM Datasheet HTML 231Page - Texas Instruments DRA821U2...ALM Datasheet HTML 232Page - Texas Instruments DRA821U2...ALM Datasheet HTML 233Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 252 page
background image
TPS6594-Q1
ENABLE
INTn
nRSTOUT
GPIO_1 (SCL_I2C2)
LP8764-Q1
Processor
SoC MAIN CONTROLS
PMIC_WAKE0
MMC1 IO
DDR_RET
SAFETY MCU CONTROLS
Safety MCU GPIO
WKUP_I2C0_SCL/SDA
MCU_PORz
Board
MCU_SAFETY_ERRORn
TPS22965-Q1
Warm Reset
ON REQUEST
SCL_I2C1
SDA_I2C1
GPIO_2 (SDA_I2C2)
GPIO_3 (GPO)
GPIO_4 (LP_WKUP1)
GPIO_5 (SCLK_SPMI)
GPIO_6 (SDATA_SPMI)
GPIO_7 (nERR_MCU)
GPIO_8 (DISABLE_WDOG)
GPIO_9 (nSLEEP)
GPIO_10 (GPI)
GPIO_11 (nRSTOUT_SoC)
INTn
GPIO_1 (GPO)
SCL_I2C1
SDA_I2C1
GPIO_2 (GPO)
GPIO_3 (GPO)
GPIO_4 (ENABLE)
GPIO_5 (GPO)
GPIO_6 (GPO)
GPIO_7 (GPO)
GPIO_8 (SCLK_SPMI)
GPIO_9 (SDATA_SPMI)
GPIO_10 (GPO)
GND
MCU_I2C0_SCL/SDA
ENABLE MCU I/O
PMIC_POWER_EN1
PORz
PMIC VOLTAGE DOMAINS
VRTC – 1.8V
VINT – 1.8V
VIO – 1.8V or 3.3V
RESETSTATz
Disable Watchdog
CAN Wakeup
PDN OPTIONS
MCU-only
DDR Retention
GPIO Retention
TPS22966-Q1
ON1
ON2
TLV70033-Q1
TLV70018-Q1
TLV7103318-Q1
EN1
EN2
SET
CLR
D
TPS6594-Q1, BUCK4
Enable DDR I/O (Optional)
ENABLE MAIN I/O
ENABLE DDR RET
ENABLE USB
ENABLE
EFUSE
ENABLE
3.3V SD
ENABLE 1.8V SD
Figure 9-1. TPS6594-Q1 and LP8764-Q1 Digital Connections
www.ti.com
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
229
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com