Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 15Page - Microchip Technology MCP2518FD Datasheet HTML 16Page - Microchip Technology MCP2518FD Datasheet HTML 17Page - Microchip Technology MCP2518FD Datasheet HTML 18Page - Microchip Technology MCP2518FD Datasheet HTML 19Page - Microchip Technology MCP2518FD Datasheet HTML 20Page - Microchip Technology MCP2518FD Datasheet HTML 21Page - Microchip Technology MCP2518FD Datasheet HTML 22Page - Microchip Technology MCP2518FD Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
 2019 Microchip Technology Inc.
DS20006027A-page 19
MCP2518FD
bit 9
LAT1: GPIO1 Latch
1 = Drive Pin High
0 =Drive Pin Low
bit 8
LAT0: GPIO0 Latch
1 = Drive Pin High
0 =Drive Pin Low
bit 7
Unimplemented: Read as ‘0’
bit 6
XSTBYEN: Enable Transceiver Standby Pin Control
1 = XSTBY control enabled
0 = XSTBY control disabled
bit 5-2
Unimplemented: Read as ‘0’
bit 1
TRIS1: GPIO1 Data Direction( 1)
1 = Input Pin
0 = Output Pin
bit 0
TRIS0: GPIO0 Data Direction( 1)
1 = Input Pin
0 = Output Pin
REGISTER 3-2:
IOCON – INPUT/OUTPUT CONTROL REGISTER (CONTINUED)
Note 1:
If PMx = 0, TRISx will be ignored and the pin will be an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com