Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 1 Page - Microchip Technology

  MCP2518FD Datasheet HTML 1Page - Microchip Technology MCP2518FD Datasheet HTML 2Page - Microchip Technology MCP2518FD Datasheet HTML 3Page - Microchip Technology MCP2518FD Datasheet HTML 4Page - Microchip Technology MCP2518FD Datasheet HTML 5Page - Microchip Technology MCP2518FD Datasheet HTML 6Page - Microchip Technology MCP2518FD Datasheet HTML 7Page - Microchip Technology MCP2518FD Datasheet HTML 8Page - Microchip Technology MCP2518FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
 2019 Microchip Technology Inc.
DS20006027A-page 1
MCP2518FD
Features
General
• External CAN FD Controller with Serial Peripheral
Interface (SPI)
• Arbitration Bit Rate up to 1 Mbps
• Data Bit Rate up to 8 Mbps
• CAN FD Controller modes
- Mixed CAN 2.0B and CAN FD Mode
- CAN 2.0B Mode
• Conforms to ISO 11898-1:2015
Message FIFOs
• 31 FIFOs, configurable as Transmit or Receive
FIFOs
• One Transmit Queue (TXQ)
• Transmit Event FIFO (TEF) with 32 bit time stamp
Message Transmission
• Message transmission prioritization:
- Based on priority bit field
- Message with lowest ID gets transmitted first
using the Transmit Queue (TXQ)
• Programmable automatic retransmission
attempts: unlimited, 3 attempts or disabled
Message Reception
• 32 Flexible Filter and Mask Objects
• Each object can be configured to filter either:
- Standard ID + first 18 data bits, or
- Extended ID
• 32-bit Time Stamp
Special Features
•VDD: 2.7 to 5.5V
• Active Current: maximum 20 mA at 5.5 V, 40 MHz
CAN clock
• Sleep Current: 15
A, typical
• Low Power Mode current: maximum 10
A from
–40°C to 150°C
• Message Objects are located in RAM: 2 KB
• Up to 3 Configurable Interrupt Pins
• Bus Health Diagnostics and Error Counters
• Transceiver Standby Control
• Start of frame pin for indicating the beginning of
messages on the bus
• Temperature Ranges:
- Extended (E): –40°C to +125°C
- High (H): –40°C to +150°C
Oscillator Options
• 40, 20 or 4 MHz Crystal or Ceramic Resonator;
External Clock Input
• Clock Output with Prescaler
SPI Interface
• Up to 20 MHz SPI clock speed
• Supports SPI Modes 0,0 and 1,1
• Registers and bit fields are arranged in a way to
enable efficient access through SPI
Safety Critical Systems
• SPI commands with CRC to detect noise on SPI
interface
• Error Correction Code (ECC) protected RAM
Additional Features
• GPIO pins: INT0 and INT1 can be configured as
general purpose I/O
• Open drain outputs: TXCAN, INT, INT0, and INT1
pins can be configured as push/pull or open drain
outputs
Package Types
VDFN14 includes an Exposed Thermal Pad (EP); see
Table 1-1
MCP2518FD
SOIC14
MCP2518FD
VDFN14 with wettable flanks*
EP*
1
2
3
4
11
12
13
14
TXCAN
OSC2
VDD
INT
SDI
SDO
nCS
CLKO/SOF
5
10
RXCAN
SCK
6
9
VSS
OSC1
INT0/GPIO0/XSTBY
7
8
INT1/GPIO1
1
2
3
4
11
12
13
14
TXCAN
OSC2
VDD
INT
SDI
SDO
nCS
CLKO/SOF
5
10
RXCAN
SCK
6
9
VSS
OSC1
INT0/GPIO0/XSTBY
7
8
INT1/GPIO1
External CAN FD Controller with SPI Interface


Similar Part No. - MCP2518FD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP251863 MICROCHIP-MCP251863 Datasheet
2Mb / 106P
External CAN FD Controller with Integrated Transceiver
Revision A February 2022
MCP251863T-E/SS MICROCHIP-MCP251863T-E/SS Datasheet
2Mb / 106P
External CAN FD Controller with Integrated Transceiver
Revision A February 2022
MCP251863T-E/SSVAO MICROCHIP-MCP251863T-E/SSVAO Datasheet
2Mb / 106P
External CAN FD Controller with Integrated Transceiver
Revision A February 2022
MCP251863T-H/SS MICROCHIP-MCP251863T-H/SS Datasheet
2Mb / 106P
External CAN FD Controller with Integrated Transceiver
Revision A February 2022
MCP251863T-H/SSVAO MICROCHIP-MCP251863T-H/SSVAO Datasheet
2Mb / 106P
External CAN FD Controller with Integrated Transceiver
Revision A February 2022
More results

Similar Description - MCP2518FD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2510 MICROCHIP-MCP2510 Datasheet
993Kb / 76P
Stand-Alone CAN Controller with SPI Interface
2000 - 2001
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
Stand-Alone CAN Controller With SPI??Interface
2005
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515-E MICROCHIP-MCP2515-E Datasheet
1Mb / 92P
Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2517FD MICROCHIP-MCP2517FD Datasheet
1Mb / 98P
External CAN FD Controller with SPI Interface
2017
MCP251863 MICROCHIP-MCP251863 Datasheet
2Mb / 106P
External CAN FD Controller with Integrated Transceiver
Revision A February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com