Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 79 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 79 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 75Page - Microchip Technology MCP2518FD Datasheet HTML 76Page - Microchip Technology MCP2518FD Datasheet HTML 77Page - Microchip Technology MCP2518FD Datasheet HTML 78Page - Microchip Technology MCP2518FD Datasheet HTML 79Page - Microchip Technology MCP2518FD Datasheet HTML 80Page - Microchip Technology MCP2518FD Datasheet HTML 81Page - Microchip Technology MCP2518FD Datasheet HTML 82Page - Microchip Technology MCP2518FD Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
 2019 Microchip Technology Inc.
DS20006027A-page 79
MCP2518FD
TABLE 7-6:
SPI AC CHARACTERISTICS
FIGURE 7-1:
SPI I/O TIMING
TABLE 7-7:
TEMPERATURE SPECIFICATIONS
AC Specifications
Electrical Characteristics:
Extended (E): TAMB = –40°C to +125°C;
High (H): TAMB = –40°C to +150°C; VDD = 2.7V to 5.5V
Param.
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions
FSCK
SCK Input Frequency
—
—20
MHz
Note 3
TSCK
SCK Period, TSCK=1/FSCK
50
—
—ns
Note 3
1TSCKH
SCK High Time
20
—
—ns
2TSCKL
SCK Low Time
20
—
—ns
3TSCKR
SCK Rise Time
—
—
100
ns
Note 2
4TSCKF
SCK Fall Time
—
—
100
ns
Note 2
5TCS2SCK
nCS ↓ to SCK ↑
TSCK/2
—
—ns
6TSCK2CS
SCK ↑ to nCS ↑
TSCK
—
—ns
7TSDI2SCK
SDI Setup: SDI ↕ to SCK ↑
5
—
—ns
8TSCK2SDI
SDI Hold: SCK ↑ to SDI ↕
5
—
—ns
9TSCK2SDO
SDO Valid: SCK ↓ to SDO ↕
—
—20
ns
CLOAD
=50pF
10
TCS2SDOZ SDO High Z: nCS ↑ to SDO Z
—
—2 TSCK
ns
CLOAD
=50pF
11
TCSD
nCS ↑ to nCS ↓
TSCK
—
—ns
Note 2
Note 1: Characterized; not 100% tested.
2: Design guidance only.
3: FSCK must be less than or equal to FSYSCLK/2.
nCS
SCK
SDI
SDO
Mode 1,1
Mode 0,0
5
C<3>
1
2
3
4
7
8
A<0>
D<7>
D<7>
D<0>
D<0>
9
Mode 1,1
Mode 0,0
11
10
6
9
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TA
–40
—+150
°C
Storage Temperature Range
TA
–55
—+150
°C
Thermal Package Resistance
Thermal Resistance for SOIC-14
JA
—
+149.5
—°C/W
Thermal Resistance for DFN-14
JA
—+64.1
—°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com