Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 4 Page - Microchip Technology

  MCP2518FD Datasheet HTML 1Page - Microchip Technology MCP2518FD Datasheet HTML 2Page - Microchip Technology MCP2518FD Datasheet HTML 3Page - Microchip Technology MCP2518FD Datasheet HTML 4Page - Microchip Technology MCP2518FD Datasheet HTML 5Page - Microchip Technology MCP2518FD Datasheet HTML 6Page - Microchip Technology MCP2518FD Datasheet HTML 7Page - Microchip Technology MCP2518FD Datasheet HTML 8Page - Microchip Technology MCP2518FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 96 page
background image
MCP2518FD
DS20006027A-page 4
 2019 Microchip Technology Inc.
1.3
Typical Application
Figure 1-2 shows an example of a typical application
of the MCP2518FD device. In this example, the
microcontroller operates at 3.3V.
The MCP2518FD device interfaces directly with
microcontrollers operating at 2.7V to 5.5V. In addition, the
MCP2518FD device connects directly to high-speed
CAN FD transceivers. There are no external level shifters
required when connecting VDD of the MCP2518FD and
the microcontroller to VIO of the transceiver.
The VDD of the CAN FD transceiver is connected to
5V.
The SPI interface is used to configure and control the
CAN FD controller.
The MCP2518FD device signals interrupts to the
microcontroller by using INT, INT0 and INT1. Interrupts
need to be cleared by the microcontroller through SPI.
The
CLKO
pin
provides
the
clock
to
the
microcontroller.
FIGURE 1-2:
MCP2518FD INTERFACING WITH A 3.3V MICROCONTROLLER
3.3V LDO
5V LDO
VBAT
0.1uF
CANH
CANL
0.1uF
0.1uF
120
VSS
VDD
RXCAN
TXCAN
CLKO
nCS
SCK
INT
SDI
SDO
VDD
RA0
VSS
OSC1
SCK
SDI
SDO
INT0
VDD
TXD
RXD
STBY
VSS
VIO
CANH
CANL
0.1uF
INT0
INT1
OSC2
OSC1
22pF
22pF
INT1
INT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com