Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 31Page - Microchip Technology MCP2518FD Datasheet HTML 32Page - Microchip Technology MCP2518FD Datasheet HTML 33Page - Microchip Technology MCP2518FD Datasheet HTML 34Page - Microchip Technology MCP2518FD Datasheet HTML 35Page - Microchip Technology MCP2518FD Datasheet HTML 36Page - Microchip Technology MCP2518FD Datasheet HTML 37Page - Microchip Technology MCP2518FD Datasheet HTML 38Page - Microchip Technology MCP2518FD Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 96 page
background image
 2019 Microchip Technology Inc.
DS20006027A-page 35
MCP2518FD
REGISTER 3-14:
CiINT – INTERRUPT REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
IVMIE
WAKIE
CERRIE
SERRIE
RXOVIE
TXATIE
SPICRCIE
ECCIE
bit 31
bit 24
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
TEFIE
MODIE
TBCIE
RXIE
TXIE
bit 23
bit 16
HS/C-0
HS/C-0
HS/C-0
HS/C-0
R-0
R-0
R-0
R-0
IVMIF( 1)
WAKIF( 1)
CERRIF( 1)
SERRIF( 1)
RXOVIF
TXATIF
SPICRCIF
ECCIF
bit 15
bit 8
U-0
U-0
U-0
R-0
HS/C-0
HS/C-0
R-0
R-0
—
—
—TEFIF
MODIF( 1)
TBCIF( 1)
RXIF
TXIF
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31
IVMIE: Invalid Message Interrupt Enable bit
bit 30
WAKIE: Bus Wake Up Interrupt Enable bit
bit 29
CERRIE: CAN Bus Error Interrupt Enable bit
bit 28
SERRIE: System Error Interrupt Enable bit
bit 27
RXOVIE: Receive FIFO Overflow Interrupt Enable bit
bit 26
TXATIE: Transmit Attempt Interrupt Enable bit
bit 25
SPICRCIE: SPI CRC Error Interrupt Enable bit
bit 24
ECCIE: ECC Error Interrupt Enable bit
bit 23-21
Unimplemented: Read as ‘0’
bit 20
TEFIE: Transmit Event FIFO Interrupt Enable bit
bit 19
MODIE: Mode Change Interrupt Enable bit
bit 18
TBCIE: Time Base Counter Interrupt Enable bit
bit 17
RXIE: Receive FIFO Interrupt Enable bit
bit 16
TXIE: Transmit FIFO Interrupt Enable bit
bit 15
IVMIF: Invalid Message Interrupt Flag bit( 1)
bit 14
WAKIF: Bus Wake Up Interrupt Flag bit( 1)
bit 13
CERRIF: CAN Bus Error Interrupt Flag bit( 1)
bit 12
SERRIF: System Error Interrupt Flag bit( 1)
1 = A system error occurred
0 = No system error occurred
bit 11
RXOVIF: Receive Object Overflow Interrupt Flag bit
1 = Receive FIFO overflow occurred
0 = No receive FIFO overflow has occurred
bit 10
TXATIF: Transmit Attempt Interrupt Flag bit
Note 1:
Flags are set by hardware and cleared by application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com