Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 74 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 74 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 70Page - Microchip Technology MCP2518FD Datasheet HTML 71Page - Microchip Technology MCP2518FD Datasheet HTML 72Page - Microchip Technology MCP2518FD Datasheet HTML 73Page - Microchip Technology MCP2518FD Datasheet HTML 74Page - Microchip Technology MCP2518FD Datasheet HTML 75Page - Microchip Technology MCP2518FD Datasheet HTML 76Page - Microchip Technology MCP2518FD Datasheet HTML 77Page - Microchip Technology MCP2518FD Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
MCP2518FD
DS20006027A-page 74
 2019 Microchip Technology Inc.
6.0
I/O CONFIGURATION
The IOCON register is used to configure the I/O pins:
• CLKO/SOF: select Clock Output or Start of
Frame.
• TXCANOD: TXCAN can be configured as
Push-Pull or as Open Drain output. Open Drain
outputs allows the user to connect multiple con-
trollers together to build a CAN network without
using a transceiver.
•INT0 and INT1 can be configured as GPIO with
similar registers as in the PIC microcontrollers or
as Transmit and Receive interrupts.
•INT0/GPIO0/XSTBY can also be used to automati-
cally control the standby pin of the transceiver.
• INTOD: The interrupt pins can be configured as
open-drain or push/pull outputs.
6.0.1
INTERRUPT PINS
The MCP2518FD device contains three different
interrupt pins, see Figure 6-1:
•INT is asserted on any interrupt in the CiINT
register (xIF & xIE), including the RX and TX
interrupts.
•INT1/GPIO1 can be configured as GPIO or RX
interrupt pin (CiINT.RXIF & RXIE).
•INT0/GPIO0 can be configured as GPIO or TX
interrupt pin (CiINT.TXIF & TXIE).
All interrupt pins are active low.
FIGURE 6-1:
INTERRUPT PINS
INT
OR
RX Interrupt
TX Interrupt
Info Interrupt
INT1
INT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com