Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 63Page - Microchip Technology MCP2518FD Datasheet HTML 64Page - Microchip Technology MCP2518FD Datasheet HTML 65Page - Microchip Technology MCP2518FD Datasheet HTML 66Page - Microchip Technology MCP2518FD Datasheet HTML 67Page - Microchip Technology MCP2518FD Datasheet HTML 68Page - Microchip Technology MCP2518FD Datasheet HTML 69Page - Microchip Technology MCP2518FD Datasheet HTML 70Page - Microchip Technology MCP2518FD Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 96 page
background image
 2019 Microchip Technology Inc.
DS20000000A-page 67
MCP2518FD
4.0
SPI INTERFACE
The MCP2518FD device is designed to interface
directly with a Serial Peripheral Interface port available
on
most
microcontrollers.
The
SPI
in
the
microcontroller must be configured in mode 0,0 or
1,1 in 8-bit operating mode.
SFR and Message Memory (RAM) are accessed
using SPI instructions. Figure 4-1 illustrates the
generic format of the SPI instructions (SPI mode 0,0).
Each instruction starts with driving nCS low (falling
edge on nCS). The 4-bit command and the 12-bit
address are shifted into SDI on the rising edge of SCK.
During a write instruction, data bits are shifted into SDI
on the rising edge of SCK. During a read instruction,
data bits are shifted out of SDO on the falling edge of
SCK. One or more data bytes are transfered with one
instruction. Data bits are updated on the falling edge of
SCK and must be valid on the rising edge of SCK.
Each instruction ends with driving nCS high (rising
edge on nCS).
Refer to Figure 7-1 for detailed input and output timing
for both mode 0,0 and mode 1,1.
Table 4-1 lists the SPI instructions and their format.
FIGURE 4-1:
SPI INSTRUCTION FORMAT
Note 1: The frequency of SCK has to be less than
or equal to half the frequency of SYSCLK.
This ensures that the synchronization
between SCK and SYSCLK works
correctly.
2: In order to minimize the Sleep current, the
SDO pin of the MCP2518FD device must
not be left floating while the device is in
Sleep mode. This can be achieved by
enabling a pull-up or pull-down resistor
inside the MCU on the pin that is
connected to the SDO pin, while the
MCP2518FD device is in Sleep mode.
TABLE 4-1:
SPI INSTRUCTIONS
Name
Format
Description
RESET
C = 0b0000; A = 0x000 Resets internal registers to default state; selects Configuration mode.
READ
C = 0b0011; A; D = SDO Read SFR/RAM from address A.
WRITE
C = 0b0010; A; D = SDI Write SFR/RAM to address A.
READ_CRC
C = 0b1011; A; N;
D = SDO; CRC = SDO
Read SFR/RAM from address A. N data bytes. Two bytes CRC.
CRC is calculated on C, A, N and D.
WRITE_CRC
C = 0b1010; A; N;
D = SDI; CRC = SDI
Write SFR/RAM to address A. N data bytes. Two bytes CRC.
CRC is calculated on C, A, N and D.
WRITE_SAFE
C = 0b1100; A;
D = SDI; CRC = SDI
Write SFR/RAM to address A. Check CRC before write. CRC is calcu-
lated on C, A and D.
Legend: C = Command (4 bit), A = Address (12 bit), D = Data (1 to n bytes), N = Number of Bytes (1 byte), CRC
(2 bytes)
123
4
567
8
910
11
12
13
14
10
15
16
17
18
19
20
21
22
23
nCS
SCK
SDI
SDO
C<3>
C<2>
C<1>
C<0>
A<11> A<10>
A<9>
A<8>
A<7>
A<6>
A<5>
A<4>
A<3>
A<2>
A<1>
A<0>
24
D<7>
D<6>
D<5>
D<4>
D<3>
D<2>
D<1>
D<0>
D<7>
D<6>
D<5>
D<4>
D<3>
D<2>
D<1>
D<0>
Sample
Update
Sample
Sample
Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com