Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 32Page - Microchip Technology MCP2518FD Datasheet HTML 33Page - Microchip Technology MCP2518FD Datasheet HTML 34Page - Microchip Technology MCP2518FD Datasheet HTML 35Page - Microchip Technology MCP2518FD Datasheet HTML 36Page - Microchip Technology MCP2518FD Datasheet HTML 37Page - Microchip Technology MCP2518FD Datasheet HTML 38Page - Microchip Technology MCP2518FD Datasheet HTML 39Page - Microchip Technology MCP2518FD Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
MCP2518FD
DS20006027A-page 36
 2019 Microchip Technology Inc.
bit 9
SPICRCIF: SPI CRC Error Interrupt Flag bit
bit 8
ECCIF: ECC Error Interrupt Flag bit
bit 7-5
Unimplemented: Read as ‘0’
bit 4
TEFIF: Transmit Event FIFO Interrupt Flag bit
1 = TEF interrupt pending
0 = No TEF interrupts pending
bit 3
MODIF: Operation Mode Change Interrupt Flag bit( 1)
1 = Operation mode change occurred (OPMOD has changed)
0 = No mode change occurred
bit 2
TBCIF: Time Base Counter Overflow Interrupt Flag bit( 1)
1 = TBC has overflowed
0 = TBC didn’t overflow
bit 1
RXIF: Receive FIFO Interrupt Flag bit
1 = Receive FIFO interrupt pending
0 = No receive FIFO interrupts pending
bit 0
TXIF: Transmit FIFO Interrupt Flag bit
1 = Transmit FIFO interrupt pending
0 = No transmit FIFO interrupts pending
REGISTER 3-14:
CiINT – INTERRUPT REGISTER (CONTINUED)
Note 1:
Flags are set by hardware and cleared by application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com