Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 89 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 89 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 85Page - Microchip Technology MCP2518FD Datasheet HTML 86Page - Microchip Technology MCP2518FD Datasheet HTML 87Page - Microchip Technology MCP2518FD Datasheet HTML 88Page - Microchip Technology MCP2518FD Datasheet HTML 89Page - Microchip Technology MCP2518FD Datasheet HTML 90Page - Microchip Technology MCP2518FD Datasheet HTML 91Page - Microchip Technology MCP2518FD Datasheet HTML 92Page - Microchip Technology MCP2518FD Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
 2019 Microchip Technology Inc.
DS20006027A-page 89
MCP2518FD
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Optional Center Pad Width
Optional Center Pad Length
Contact Pitch
Y2
X2
4.25
1.70
MILLIMETERS
0.65 BSC
MIN
E
MAX
Contact Pad Length (X14)
Contact Pad Width (X14)
Y1
X1
0.80
0.35
Microchip Technology Drawing C04-23361 Rev B
NOM
14-Lead Very Thin Plastic Dual Flat, No Lead Package (QBB) - 4.5x3 mm Body [VDFN]
12
14
C
Contact Pad Spacing
3.00
Contact Pad to Center Pad (X14)
G1
0.20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
With 1.6x4.2 mm Exposed Pad and Stepped Wettable Flanks
C
E
X1
Y2
ØV
Y1
G1
EV
SILK SCREEN
G2
Contact Pad to Center Pad (X12)
G2
0.20
Pin 1 Index Chamfer
CH
X2
EV
0.30
CH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com