Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 13Page - Microchip Technology MCP2518FD Datasheet HTML 14Page - Microchip Technology MCP2518FD Datasheet HTML 15Page - Microchip Technology MCP2518FD Datasheet HTML 16Page - Microchip Technology MCP2518FD Datasheet HTML 17Page - Microchip Technology MCP2518FD Datasheet HTML 18Page - Microchip Technology MCP2518FD Datasheet HTML 19Page - Microchip Technology MCP2518FD Datasheet HTML 20Page - Microchip Technology MCP2518FD Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 96 page
background image
 2019 Microchip Technology Inc.
DS20006027A-page 17
MCP2518FD
bit 3
LPMEN: Low Power Mode (LPM) Enable( 3)
1 = When in LPM, the device will stop the clock and power down the majority of the chip. Register and
RAM values will be lost. The device will wake-up due to asserting nCS, or due to RXCAN activity.
0 = When in Sleep mode, the device will stop the clock, and retain it’s register and RAM values. It will
wake-up due to clearing the OSCDIS bit, or due to RXCAN activity.
bit 2
OSCDIS: Clock (Oscillator) Disable( 2)
1 = Clock disabled, the device is in Sleep mode.
0 = Enable Clock
bit 1
Unimplemented: Read as ‘0’
bit 0
PLLEN: PLL Enable( 1)
1 = System Clock from 10x PLL
0 = System Clock comes directly from XTAL oscillator
REGISTER 3-1:
OSC –
MCP2518FD OSCILLATOR CONTROL REGISTER (CONTINUED)
Note 1:
This bit can only be modified in Configuration mode.
2:
Clearing OSCDIS while in Sleep mode will wake-up the device and put it back in Configuration mode.
3:
Setting LPMEN doesn’t actually put the device in LPM. It selects which Sleep mode will be entered after
requesting Sleep mode using CiCON.REQOP. In order to wake up on RXCAN activity, CiINT.WAKIE must
be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com