Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 2 Page - Microchip Technology

  MCP2518FD Datasheet HTML 1Page - Microchip Technology MCP2518FD Datasheet HTML 2Page - Microchip Technology MCP2518FD Datasheet HTML 3Page - Microchip Technology MCP2518FD Datasheet HTML 4Page - Microchip Technology MCP2518FD Datasheet HTML 5Page - Microchip Technology MCP2518FD Datasheet HTML 6Page - Microchip Technology MCP2518FD Datasheet HTML 7Page - Microchip Technology MCP2518FD Datasheet HTML 8Page - Microchip Technology MCP2518FD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 96 page
background image
MCP2518FD
DS20006027A-page 2
 2019 Microchip Technology Inc.
1.0
DEVICE OVERVIEW
The MCP2518FD device is a cost-effective and
small-footprint CAN FD controller that can be easily
added to a microcontroller with an available SPI
interface. A CAN FD channel can be easily added to a
microcontroller that is either lacking a CAN FD
peripheral or doesn’t have enough CAN FD channels.
MCP2518FD supports both CAN frames in the
Classical format (CAN2.0B) and CAN Flexible Data
Rate (CAN FD) format, as specified in ISO
11898-1:2015.
The MCP2518FD device was improved as follows:
• Added Low Power Mode (LPM), in order to
reduce leakage current to 10
A over the full
temperature range.
• Extended SEQ field in Transmit Message Object
and Transmit Event FIFO Object from 7 to 23 bits.
• Added DEVID register to distinguish between
future members of the device family.
• Switched to saw cut DFN package with wettable
flanks.
1.1
Block Diagram
Figure 1.1
shows
the
block
diagram
of
the
MCP2518FD device. MCP2518FD contains the
following main blocks:
• The CAN FD Controller module implements the
CAN FD protocol, and contains the FIFOs and
Filters.
• The SPI interface is used to control the device by
accessing Special Function Registers (SFR) and
RAM.
• The RAM controller arbitrates the RAM accesses
between the SPI and CAN FD Controller module.
• The Message RAM is used to store the data of the
Message Objects.
• The oscillator generates the CAN clock.
• The Internal LDO and POR circuit.
• The I/O control.
FIGURE 1-1:
MCP2518FD BLOCK DIAGRAM
Note 1: This data sheet summarizes the features
of the MCP2518FD device. It is not
intended
to
be
a
comprehensive
reference source. To complement the
information in this data sheet, refer to the
related section of the “MCP25xxFD
Family Reference Manual”.
I/O
Message
RAM
TXCAN
RXCAN
INT
INT0/GPIO0/XSTBY
RAM
Controller
nCS
SCK
SDI
SDO
INT1/GPIO1
CAN FD
Controller
Module
CLKO/SOF
OSC1
OSC2
Oscillator
VDD
VSS
RX
Filter
POR
Internal
LDO
SPI
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com