Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 78 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 78 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 74Page - Microchip Technology MCP2518FD Datasheet HTML 75Page - Microchip Technology MCP2518FD Datasheet HTML 76Page - Microchip Technology MCP2518FD Datasheet HTML 77Page - Microchip Technology MCP2518FD Datasheet HTML 78Page - Microchip Technology MCP2518FD Datasheet HTML 79Page - Microchip Technology MCP2518FD Datasheet HTML 80Page - Microchip Technology MCP2518FD Datasheet HTML 81Page - Microchip Technology MCP2518FD Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
MCP2518FD
DS20006027A-page 78
 2019 Microchip Technology Inc.
TABLE 7-4:
CAN BIT RATE
TABLE 7-5:
CAN RX FILTER AC CHARACTERISTICS
AC Specifications
Electrical Characteristics:
Extended (E): TAMB = –40°C to +125°C; High (H): TAMB = –40°C to +150°C;
VDD = 2.7V to 5.5V
Sym
Characteristic
Min
Typ
Max
Units
Conditions/Comments
BRNOM
Nominal Bit Rate
0.125
0.5
1
Mbps
BRDATA
Data Bit Rate
0.5
2
8
Mbps BRDATA ≥ BRNOM
Note 1: Tested bit rates. Device allows the configuration of more bit rates, including slower bit rates than the mini-
mum stated.
AC Specifications
Electrical Characteristics:
Extended (E): TAMB = –40°C to +125°C; High (H): TAMB = –40°C to +150°C;
VDD = 2.7V to 5.5V
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions/Comments
TPROP
Filter propagation delay
—1
—ns
Note 2
TFILTER
Filter time
50
80
130
225
—100
140
220
390
ns
T00FILTER
T01FILTER
T10FILTER
T11FILTER
Note 3
TREVO-
CERY
Minimum high time on input
for output to go high again
5
—
—ns
Note 2
Note 1: Characterized; not 100% tested.
2: Design guidance only.
3: Pulses on RXCAN shorter than the minimum TFILTER time will be ignored; pulses longer than the maxi-
mum TFILTER time will wake-up the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com