Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 12Page - Microchip Technology MCP2518FD Datasheet HTML 13Page - Microchip Technology MCP2518FD Datasheet HTML 14Page - Microchip Technology MCP2518FD Datasheet HTML 15Page - Microchip Technology MCP2518FD Datasheet HTML 16Page - Microchip Technology MCP2518FD Datasheet HTML 17Page - Microchip Technology MCP2518FD Datasheet HTML 18Page - Microchip Technology MCP2518FD Datasheet HTML 19Page - Microchip Technology MCP2518FD Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 96 page
background image
MCP2518FD
DS20006027A-page 16
 2019 Microchip Technology Inc.
REGISTER 3-1:
OSC –
MCP2518FD OSCILLATOR CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 31
bit 24
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 23
bit 16
U-0
U-0
U-0
R-0
U-0
R-0
U-0
R-0
—
—
—
SCLKRDY
—OSCRDY
—
PLLRDY
bit 15
bit 8
U-0
R/W-1
R/W-1
R/W-0
R/W-0
HS/C-0
U-0
R/W-0
—
CLKODIV<1:0>
SCLKDIV( 1)
LPMEN( 3)
OSCDIS( 2)
—PLLEN( 1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-13
Unimplemented: Read as ‘0’
bit 12
SCLKRDY: Synchronized SCLKDIV bit
1 = SCLKDIV 1
0 = SCLKDIV 0
bit 11
Unimplemented: Read as ‘0’
bit 10
OSCRDY: Clock Ready
1 = Clock is running and stable
0 = Clock not ready or off
bit 9
Unimplemented: Read as ‘0’
bit 8
PLLRDY: PLL Ready
1 = PLL Locked
0 = PLL not ready
bit 7
Unimplemented: Read as ‘0’
bit 6-5
CLKODIV<1:0>: Clock Output Divisor
11 =CLKO is divided by 10
10 =CLKO is divided by 4
01 =CLKO is divided by 2
00 =CLKO is divided by 1
bit 4
SCLKDIV: System Clock Divisor( 1)
1 = SCLK is divided by 2
0 = SCLK is divided by 1
Note 1:
This bit can only be modified in Configuration mode.
2:
Clearing OSCDIS while in Sleep mode will wake-up the device and put it back in Configuration mode.
3:
Setting LPMEN doesn’t actually put the device in LPM. It selects which Sleep mode will be entered after
requesting Sleep mode using CiCON.REQOP. In order to wake up on RXCAN activity, CiINT.WAKIE must
be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com