Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 22Page - Microchip Technology MCP2518FD Datasheet HTML 23Page - Microchip Technology MCP2518FD Datasheet HTML 24Page - Microchip Technology MCP2518FD Datasheet HTML 25Page - Microchip Technology MCP2518FD Datasheet HTML 26Page - Microchip Technology MCP2518FD Datasheet HTML 27Page - Microchip Technology MCP2518FD Datasheet HTML 28Page - Microchip Technology MCP2518FD Datasheet HTML 29Page - Microchip Technology MCP2518FD Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 96 page
background image
MCP2518FD
DS20006027A-page 26
 2019 Microchip Technology Inc.
REGISTER 3-7:
CiCON – CAN CONTROL REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
TXBWS<3:0>
ABAT
REQOP<2:0>
bit 31
bit 24
R-1
R-0
R-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
OPMOD<2:0>
TXQEN( 1)
STEF( 1)
SERR2LOM
( 1)
ESIGM( 1)
RTXAT( 1)
bit 23
bit 16
U-0
U-0
U-0
R/W-0
R-0
R/W-1
R/W-1
R/W-1
—
—
—
BRSDIS
BUSY
WFT<1:0>
WAKFIL( 1)
bit 15
bit 8
U-0
R/W-1
R/W-1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
PXEDIS( 1)
ISOCRCEN
( 1)
DNCNT<4:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-28
TXBWS<3:0>: Transmit Bandwidth Sharing bits
Delay between two consecutive transmissions (in arbitration bit times)
0000 = No delay
0001 = 2
0010 = 4
0011 = 8
0100 = 16
0101 = 32
0110 = 64
0111 = 128
1000 = 256
1001 = 512
1010 = 1024
1011 = 2048
1111-1100 = 4096
bit 27
ABAT: Abort All Pending Transmissions bit
1 = Signal all transmit FIFOs to abort transmission
0 = Module will clear this bit when all transmissions were aborted
bit 26-24
REQOP<2:0>: Request Operation Mode bits
000 = Set Normal CAN FD mode; supports mixing of CAN FD and Classic CAN 2.0 frames
001 = Set Sleep mode
010 = Set Internal Loopback mode
011 = Set Listen Only mode
100 = Set Configuration mode
101 = Set External Loopback mode
110 = Set Normal CAN 2.0 mode; possible error frames on CAN FD frames
111 = Set Restricted Operation mode
Note 1:
These bits can only be modified in Configuration mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com