Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 69Page - Microchip Technology MCP2518FD Datasheet HTML 70Page - Microchip Technology MCP2518FD Datasheet HTML 71Page - Microchip Technology MCP2518FD Datasheet HTML 72Page - Microchip Technology MCP2518FD Datasheet HTML 73Page - Microchip Technology MCP2518FD Datasheet HTML 74Page - Microchip Technology MCP2518FD Datasheet HTML 75Page - Microchip Technology MCP2518FD Datasheet HTML 76Page - Microchip Technology MCP2518FD Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
 2019 Microchip Technology Inc.
DS20006027A-page 73
MCP2518FD
5.0
OSCILLATOR
Figure 5-1 shows the block diagram of the oscillator in
the MCP2518FD device. The oscillator system gener-
ates the SYSCLK, which is used in the CAN FD Con-
troller module and for RAM accesses. It is
recommended by the CAN FD community to use
either a 40 or 20 MHz SYSCLK.
The time reference for clock generation can be an
external 40, 20 or 4 MHz crystal, ceramic resonator or
external clock.
The OSC register controls the oscillator. The PLL can
be enabled to multiply the 4 MHz clock by 10.
The internal 40/20 MHz can be divided by two.
The internally generated clock can be divided and pro-
vided on the CLKO pin.
FIGURE 5-1:
MCP2518FD OSCILLATOR BLOCK DIAGRAM
OSC1
OSC2
PLLEN
OSCDIS
Divide
By 1, 2
SCLKDIV
SYSCLK
Divide
By 1, 2, 4, 10
CLKO
CLKODIV
PLL
x10
40/20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com