Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 93 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 93 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 88Page - Microchip Technology MCP2518FD Datasheet HTML 89Page - Microchip Technology MCP2518FD Datasheet HTML 90Page - Microchip Technology MCP2518FD Datasheet HTML 91Page - Microchip Technology MCP2518FD Datasheet HTML 92Page - Microchip Technology MCP2518FD Datasheet HTML 93Page - Microchip Technology MCP2518FD Datasheet HTML 94Page - Microchip Technology MCP2518FD Datasheet HTML 95Page - Microchip Technology MCP2518FD Datasheet HTML 96Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 93 / 96 page
background image
 2019 Microchip Technology Inc.
DS20006027A-page 93
MCP2518FD
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Device:
MCP2518FD: CAN FD Controller
Tape and Reel
Option:
T
= Tape and Reel(1)
Temperature
Range:
E= -40
C to +125C
(Extended)
H= -40
C to +150C
(High)
Package:
SL
=
Plastic SOIC (150 mil Body), 14-Lead
QBB
=
Plastic VDFN (4.5 x 3 mm Body),
14-Lead with 1.6 x 4.2 mm Exposed Pad
and Stepped Wettable Flanks
Examples:
a) MCP2518FDT-E/SL =
Tape and Reel, Extended Temperature,
Plastic SOIC (150 mil Body), 14-Lead
b) MCP2518FDT-H/SL =
Tape and Reel, High Temperature,
Plastic SOIC (150 mil Body), 14-Lead
c) MCP2518FDT- E/QBB = Tape and Reel, Extended Temperature,
Plastic VDFN (4.5 x 3 mm Body)
14-Lead with 1.6 x 4.2 mm Exposed Pad
and Stepped Wettable Flanks
d) MCP2518FDT-H/QBB = Tape and Reel, High Temperature,
Plastic VDFN (4.5 x 3 mm Body),
14-Lead, with 1.6 x 4.2 mm, Exposed Pad
and Stepped Wettable Flanks
Note 1:
Tape and Reel identifier only appears in the catalog part
number description. This identifier is used for ordering
purposes and is not printed on the device package. Check
with your Microchip Sales Office for package availability with
the Tape and Reel option.
X(1)
Tape and Reel
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com