Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 77 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 77 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 73Page - Microchip Technology MCP2518FD Datasheet HTML 74Page - Microchip Technology MCP2518FD Datasheet HTML 75Page - Microchip Technology MCP2518FD Datasheet HTML 76Page - Microchip Technology MCP2518FD Datasheet HTML 77Page - Microchip Technology MCP2518FD Datasheet HTML 78Page - Microchip Technology MCP2518FD Datasheet HTML 79Page - Microchip Technology MCP2518FD Datasheet HTML 80Page - Microchip Technology MCP2518FD Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 96 page
background image
 2019 Microchip Technology Inc.
DS20006027A-page 77
MCP2518FD
TABLE 7-2:
CLKOUT AND SOF AC CHARACTERISTICS
TABLE 7-3:
CRYSTAL OSCILLATOR AC CHARACTERISTICS
AC Specifications
Electrical Characteristics:
Extended (E): TAMB = –40°C to +125°C; High (H): TAMB = –40°C to +150°C;
VDD = 2.7V to 5.5V
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions/Comments
TCLKOH
CLKO Output High
8
—
—ns
at 40 MHz (Note 1)
TCLKOL
CLKO Output Low
8
—
—ns
Note 1
TCLKOR
CLKO Output Rise
—
—5
ns
Note 1
TCLKOF
CLKO Output Fall
—
—5
ns
Note 1
TSOFH
SOF Output High
—31 TOSC
—ns
Note 2
TSOFPD
SOF Propagation Delay:
RXCAN falling edge to SOF
rising edge
—1 TOSC
—ns
Note 2
Note 1: Characterized; not 100% tested.
2: Design guidance only.
AC Specifications
Electrical Characteristics:
Extended (E): TAMB = –40°C to +125°C; High (H): TAMB = –40°C to +150°C;
VDD = 2.7V to 5.5V
Sym.
Characteristic
Min.
Typ.
Max.
Units
Conditions/Comments
FOSC1,CLKI
OSC1 Input Frequency
2
40
40
MHz
External digital clock
FOSC1,4M
OSC1 Input Frequency
4 - 0.5%
4
4 + 0.5%
MHz
4 MHz crystal/resonator (Note 1)
FDRIFT
SYSCLK frequency drift
—
—
10
ppm
Additional frequency drift of
SYSCLK due to internal PLL at
4MHz (Note 1)
FOSC1,20M
OSC1 Input Frequency
20 - 0.5%
20
20 + 0.5%
MHz
20 MHz crystal/resonator
(Note 1)
FOSC1,40M
OSC1 Input Frequency
40 - 0.5%
40
40 + 0.5%
MHz
40 MHz crystal/resonator
(Note 1)
TOSC1
TOSC1=1/FOSC1,x
25
—
—ns
TOSC1H
OSC1 Input High
0.45 *
TOSC
—0.55 *
TOSC
ns
Note 1
TOSC1L
OSC1 Input Low
0.45 *
TOSC
—0.55 *
TOSC
ns
Note 1
TOSC1R
OSC1 Input Rise
—
—20
ns
Note 2
TOSC1F
OSC1 Input Fall
—
—20
ns
Note 2
DCOSC1
Duty Cycle on OSC1
45
50
55
%
External clock duty cycle require-
ment (Note 1)
TOSCSTAB
Oscillator stabilization
period
—
—
3
ms
From POR to final frequency
(Note 1)
TOSCSLEEP Oscillator stabilization from
Sleep
—
—
3
ms
From Sleep to final frequency
(Note 1)
GM,4M
Transconductance
1470
—2210
A/V 4 MHz crystal (Note 2)
GM,40M
Transconductance
2040
—3060
A/V 40 MHz crystal (Note 2)
Note 1: Characterized; not 100% tested.
2: Design guidance only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com