Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 7Page - Microchip Technology MCP2518FD Datasheet HTML 8Page - Microchip Technology MCP2518FD Datasheet HTML 9Page - Microchip Technology MCP2518FD Datasheet HTML 10Page - Microchip Technology MCP2518FD Datasheet HTML 11Page - Microchip Technology MCP2518FD Datasheet HTML 12Page - Microchip Technology MCP2518FD Datasheet HTML 13Page - Microchip Technology MCP2518FD Datasheet HTML 14Page - Microchip Technology MCP2518FD Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 96 page
background image
 2019 Microchip Technology Inc.
DS20006027A-page 11
MCP2518FD
C1FIFOCON1
31:24
PLSIZE<2:0>
FSIZE<4:0>
23:16
—
TXAT<1:0>
TXPRI<4:0>
15:8
—
—
—
—
—
FRESET
TXREQ
UINC
5C
7:0
TXEN
RTREN
RXTSEN
TXATIE
RXOVIE
TFERFFIE
TFHRFHIE
TFNRFNIE
C1FIFOSTA1
31:24
—
—
—
—
—
—
—
—
23:16
—
—
—
—
—
—
—
—
15:8
—
—
—
FIFOCI<4:0>
60
7:0
TXABT
TXLARB
TXERR
TXATIF
RXOVIF
TFERFFIF
TFHRFHIF
TFNRFNIF
C1FIFOUA1
31:24
FIFOUA<31:24>
23:16
FIFOUA<23:16>
15:8
FIFOUA<15:8>
64
7:0
FIFOUA<7:0>
68
C1FIFOCON2
31:0
same as C1FIFOCON1
6C
C1FIFOSTA2
31:0
same as C1FIFOSTA1
70
C1FIFOUA2
31:0
same as C1FIFOUA1
74
C1FIFOCON3
31:0
same as C1FIFOCON1
78
C1FIFOSTA3
31:0
same as C1FIFOSTA1
7C
C1FIFOUA3
31:0
same as C1FIFOUA1
80
C1FIFOCON4
31:0
same as C1FIFOCON1
84
C1FIFOSTA4
31:0
same as C1FIFOSTA1
88
C1FIFOUA4
31:0
same as C1FIFOUA1
8C
C1FIFOCON5
31:0
same as C1FIFOCON1
90
C1FIFOSTA5
31:0
same as C1FIFOSTA1
94
C1FIFOUA5
31:0
same as C1FIFOUA1
98
C1FIFOCON6
31:0
same as C1FIFOCON1
9C
C1FIFOSTA6
31:0
same as C1FIFOSTA1
A0
C1FIFOUA6
31:0
same as C1FIFOUA1
A4
C1FIFOCON7
31:0
same as C1FIFOCON1
A8
C1FIFOSTA7
31:0
same as C1FIFOSTA1
AC
C1FIFOUA7
31:0
same as C1FIFOUA1
B0
C1FIFOCON8
31:0
same as C1FIFOCON1
B4
C1FIFOSTA8
31:0
same as C1FIFOSTA1
B8
C1FIFOUA8
31:0
same as C1FIFOUA1
BC
C1FIFOCON9
31:0
same as C1FIFOCON1
C0
C1FIFOSTA9
31:0
same as C1FIFOSTA1
C4
C1FIFOUA9
31:0
same as C1FIFOUA1
C8
C1FIFOCON10
31:0
same as C1FIFOCON1
CC
C1FIFOSTA10
31:0
same as C1FIFOSTA1
D0
C1FIFOUA10
31:0
same as C1FIFOUA1
D4
C1FIFOCON11
31:0
same as C1FIFOCON1
D8
C1FIFOSTA11
31:0
same as C1FIFOSTA1
DC
C1FIFOUA11
31:0
same as C1FIFOUA1
E0
C1FIFOCON12
31:0
same as C1FIFOCON1
E4
C1FIFOSTA12
31:0
same as C1FIFOSTA1
E8
C1FIFOUA12
31:0
same as C1FIFOUA1
EC
C1FIFOCON13
31:0
same as C1FIFOCON1
F0
C1FIFOSTA13
31:0
same as C1FIFOSTA1
F4
C1FIFOUA13
31:0
same as C1FIFOUA1
F8
C1FIFOCON14
31:0
same as C1FIFOCON1
FC
C1FIFOSTA14
31:0
same as C1FIFOSTA1
100
C1FIFOUA14
31:0
same as C1FIFOUA1
TABLE 3-2:
CAN FD CONTROLLER MODULE REGISTER SUMMARY (CONTINUED)
Addr.
Name
Bit
31/23/15/7
Bit
30/22/14/6
Bit
29/21/13/5
Bit
28/20/12/4
Bit
27/19/11/3
Bit
26/18/10/2
Bit
25/17/9/1
Bit
24/16/8/0
Note 1: The lower order byte of the 32-bit register resides at the low-order address.
2: Reserved register reads 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com