Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 21Page - Microchip Technology MCP2518FD Datasheet HTML 22Page - Microchip Technology MCP2518FD Datasheet HTML 23Page - Microchip Technology MCP2518FD Datasheet HTML 24Page - Microchip Technology MCP2518FD Datasheet HTML 25Page - Microchip Technology MCP2518FD Datasheet HTML 26Page - Microchip Technology MCP2518FD Datasheet HTML 27Page - Microchip Technology MCP2518FD Datasheet HTML 28Page - Microchip Technology MCP2518FD Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 96 page
background image
 2019 Microchip Technology Inc.
DS20006027A-page 25
MCP2518FD
3.2
CAN FD Controller Module
Registers
Configuration Registers
• Register 3-7: CiCON
• Register 3-8: CiNBTCFG
• Register 3-9: CiDBTCFG
• Register 3-10: CiTDC
• Register 3-11: CiTBC
• Register 3-12: CiTSCON
Interrupt and Status Registers
• Register 3-13: CiVEC
• Register 3-14: CiINT
• Register 3-15: CiRXIF
• Register 3-16: CiRXOVIF
• Register 3-17: CiTXIF
• Register 3-18: CiTXATIF
• Register 3-19: CiTXREQ
Error and Diagnostic Registers
• Register 3-20: CiTREC
• Register 3-21: CiBDIAG0
• Register 3-22: CiBDIAG1
Fifo Control and Status Registers
• Register 3-23: CiTEFCON
• Register 3-24: CiTEFSTA
• Register 3-25: CiTEFUA
• Register 3-26: CiTXQCON
• Register 3-27: CiTXQSTA
• Register 3-28: CiTXQUA
• Register 3-29: CiFIFOCONm – m = 1 to 31
• Register 3-30: CiFIFOSTAm – m = 1 to 31
• Register 3-31: CiFIFOUAm – m = 1 to 31
Filter Configuration and Control Registers
• Register 3-32: CiFLTCONm – m = 0 to 7
• Register 3-33: CiFLTOBJm – m = 0 to 31
• Register 3-34: CiMASKm – m = 0 to 31
EXAMPLE 3-2:
Note:
The ‘i’ shown in the register identifier
denotes CANi, for example, C1CON. The
MCP2518FD device contains one CAN
FD Controller Module.
TABLE 3-4:
REGISTER LEGEND
Sym
Description
Sym
Description
R
Readable bit
HC
Cleared by Hardware only
W
Writable bit
HS
Set by Hardware only
U
Unimplemented bit, read as ‘0’
1
Bit is set at Reset
S
Settable bit
0
Bit is cleared at Reset
C
Clearable bit
x
Bit is unknown at Reset
R/W - 0 indicates the bit is both readable and writable, and reads ‘0’ after a Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com