Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2518FD Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP2518FD
Description  External CAN FD Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2518FD Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP2518FD Datasheet HTML 40Page - Microchip Technology MCP2518FD Datasheet HTML 41Page - Microchip Technology MCP2518FD Datasheet HTML 42Page - Microchip Technology MCP2518FD Datasheet HTML 43Page - Microchip Technology MCP2518FD Datasheet HTML 44Page - Microchip Technology MCP2518FD Datasheet HTML 45Page - Microchip Technology MCP2518FD Datasheet HTML 46Page - Microchip Technology MCP2518FD Datasheet HTML 47Page - Microchip Technology MCP2518FD Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 96 page
background image
MCP2518FD
DS20006027A-page 44
 2019 Microchip Technology Inc.
REGISTER 3-22:
CiBDIAG1 – BUS DIAGNOSTICS REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
DLCMM
ESI
DCRCERR
DSTUFERR DFORMERR
—
DBIT1ERR
DBIT0ERR
bit 31
bit 24
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
TXBOERR
—
NCRCERR
NSTUFERR NFORMERR
NACKERR
NBIT1ERR
NBIT0ERR
bit 23
bit 16
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
EFMSGCNT<15:8>
bit 15
bit 8
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
EFMSGCNT<7:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31
DLCMM: DLC Mismatch bit
During a transmission or reception, the specified DLC is larger than the PLSIZE of the FIFO element.
bit 30
ESI: ESI flag of a received CAN FD message was set.
bit 29
DCRCERR: Same as for nominal bit rate (see below).
bit 28
DSTUFERR: Same as for nominal bit rate (see below).
bit 27
DFORMERR: Same as for nominal bit rate (see below).
bit 26
Unimplemented: Read as ‘0’
bit 25
DBIT1ERR: Same as for nominal bit rate (see below).
bit 24
DBIT0ERR: Same as for nominal bit rate (see below).
bit 23
TXBOERR: Device went to bus-off (and auto-recovered).
bit 22
Unimplemented: Read as ‘0’
bit 21
NCRCERR: The CRC check sum of a received message was incorrect. The CRC of an incoming
message does not match with the CRC calculated from the received data.
bit 20
NSTUFERR: More than 5 equal bits in a sequence have occurred in a part of a received message
where this is not allowed.
bit 19
NFORMERR: A fixed format part of a received frame has the wrong format.
bit 18
NACKERR: Transmitted message was not acknowledged.
bit 17
NBIT1ERR: During the transmission of a message (with the exception of the arbitration field), the
device wanted to send a recessive level (bit of logical value ‘1’), but the monitored bus value was
dominant.
bit 16
NBIT0ERR: During the transmission of a message (or acknowledge bit, or active error flag, or overload
flag), the device wanted to send a dominant level (data or identifier bit logical value ‘0’), but the
monitored bus value was recessive.
bit 15-0
EFMSGCNT<15:0>: Error Free Message Counter bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com